Electronic Components Datasheet Search
  English  ▼

X  

SSM2212 Datasheet(PDF) 7 Page - Analog Devices

Part # SSM2212
Description  Audio, Dual-Matched NPN Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2212 Datasheet(HTML) 7 Page - Analog Devices

Back Button SSM2212 Datasheet HTML 3Page - Analog Devices SSM2212 Datasheet HTML 4Page - Analog Devices SSM2212 Datasheet HTML 5Page - Analog Devices SSM2212 Datasheet HTML 6Page - Analog Devices SSM2212 Datasheet HTML 7Page - Analog Devices SSM2212 Datasheet HTML 8Page - Analog Devices SSM2212 Datasheet HTML 9Page - Analog Devices SSM2212 Datasheet HTML 10Page - Analog Devices SSM2212 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
SSM2212
Rev. C | Page 7 of 12
100
10
1
0.1
0.01
0.001
0.001
0.01
0.1
1
10
COLLECTOR CURRENT, IC (mA)
VCE = 5V
Figure 9. Small Signal Input Resistance vs. Collector Current
1m
0.1m
0.01m
1µ
0.1µ
0.01µ
0.001
1000
100
10
1
0.1
0.01
COLLECTOR CURRENT, IC (mA)
VCE = 5V
Figure 10. Small Signal Output Conductance vs. Collector Current
0.01
0.1
1
10
100
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
SATURATION VOLTAGE, VSAT (V)
TA = –55°C
TA = +125°C
TA = +25°C
Figure 11. Collector Current vs. Saturation Voltage
1000
100
10
1
0.1
0.01
25
50
75
100
125
TEMPERATURE (°C)
Figure 12. Collector-to-Base Leakage Current vs. Temperature
40
35
30
25
20
15
10
5
0
0
10
20
30
40
50
REVERSE BIAS VOLTAGE (V)
Figure 13. Collector-to-Base Capacitance vs. Reverse Bias Voltage
40
35
30
25
20
15
10
5
0
0
10
20
30
40
50
COLLECTOR-TO-SUBSTRATE VOLTAGE (V)
Figure 14. Collector-to-Collector Capacitance vs.
Collector-to-Substrate Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com