Electronic Components Datasheet Search
  English  ▼

X  

SSM2212 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2212
Description  Audio, Dual-Matched NPN Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2212 Datasheet(HTML) 1 Page - Analog Devices

  SSM2212 Datasheet HTML 1Page - Analog Devices SSM2212 Datasheet HTML 2Page - Analog Devices SSM2212 Datasheet HTML 3Page - Analog Devices SSM2212 Datasheet HTML 4Page - Analog Devices SSM2212 Datasheet HTML 5Page - Analog Devices SSM2212 Datasheet HTML 6Page - Analog Devices SSM2212 Datasheet HTML 7Page - Analog Devices SSM2212 Datasheet HTML 8Page - Analog Devices SSM2212 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Audio, Dual-Matched
NPN Transistor
Data Sheet
SSM2212
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Very low voltage noise: 1 nV/√Hz maximum at 100 Hz
Excellent current gain match: 0.5%
Low offset voltage (VOS): 200 μV maximum (SOIC)
Outstanding offset voltage drift: 0.03 μV/°C
High gain bandwidth product: 200 MHz
PIN CONNECTIONS
C1 1
B1 2
E1 3
NIC 4
C2
8
B2
7
E2
6
NIC
5
SSM2212
NOTES
1. NIC = NO INTERNAL CONNECTION.
Figure 1. 8-Lead SOIC_N
12
11
10
1
3
4
9
2
SSM2212
E1A
E1B
E2B
E2A
NIC
C2
NIC
NIC
NOTES
1. NIC = NO INTERNAL CONNECTION.
Figure 2. 16-Lead LFCSP_WQ
GENERAL DESCRIPTION
The SSM2212 is a dual, NPN-matched transistor pair that is
specifically designed to meet the requirements of ultralow noise
audio systems.
With its extremely low input base spreading resistance (rbb' is
typically 28 Ω) and high current gain (hFE typically exceeds 600 at
IC = 1 mA), the SSM2212 can achieve outstanding signal-to-noise
ratios. The high current gain results in superior performance
compared to systems incorporating commercially available
monolithic amplifiers.
Excellent matching of the current gain (ΔhFE) to approximately
0.5% and low VOS of less than 10 μV typical make the SSM2212
ideal for symmetrically balanced designs, which reduce high-
order amplifier harmonic distortion.
Stability of the matching parameters is guaranteed by protection
diodes across the base-emitter junction. These diodes prevent
degradation of beta and matching characteristics due to reverse
biasing of the base-emitter junction.
The SSM2212 is also an ideal choice for accurate and reliable
current biasing and mirroring circuits. Furthermore, because
the accuracy of a current mirror degrades exponentially with
mismatches of VBE between transistor pairs, the low VOS of the
SSM2212 does not need offset trimming in most circuit
applications.
The SSM2212 SOIC performance and characteristics are
guaranteed over the extended temperature range of −40°C to
+85°C.
The SSM2212 is available in 8-lead SOIC and 16-lead LFCSP
packages.


Similar Part No. - SSM2212

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2212 AD-SSM2212 Datasheet
260Kb / 12P
Audio, Dual-Matched NPN Transistor
Rev. B
SSM2212RZ AD-SSM2212RZ Datasheet
260Kb / 12P
Audio, Dual-Matched NPN Transistor
Rev. B
SSM2212RZ-R7 AD-SSM2212RZ-R7 Datasheet
260Kb / 12P
Audio, Dual-Matched NPN Transistor
Rev. B
SSM2212RZ-RL AD-SSM2212RZ-RL Datasheet
260Kb / 12P
Audio, Dual-Matched NPN Transistor
Rev. B
More results

Similar Description - SSM2212

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM-2210 AD-SSM-2210 Datasheet
527Kb / 11P
Audio Dual Natched NPN transistor
logo
ON Semiconductor
NST45011MW6T1G ONSEMI-NST45011MW6T1G Datasheet
154Kb / 5P
Dual Matched General Purpose Transistor NPN Matched Pair
October, 2009 ??Rev. 1
logo
Seme LAB
2N2060 SEME-LAB-2N2060 Datasheet
419Kb / 3P
DUAL MATCHED NPN SILICON TRANSISTOR
logo
Analog Devices
SSM2212 AD-SSM2212 Datasheet
260Kb / 12P
Audio, Dual-Matched NPN Transistor
Rev. B
MAT12AHZ AD-MAT12AHZ Datasheet
271Kb / 12P
Audio, Dual-Matched NPN Transistor
REV. 0
SSM2210PZ AD-SSM2210PZ Datasheet
2Mb / 12P
Audio Dual Matched NPN Transistor
REV. C
SSM2210PZ AD-SSM2210PZ Datasheet
2Mb / 12P
Audio Dual Matched NPN Transistor
REV. C
SSM2220SZ AD-SSM2220SZ Datasheet
383Kb / 12P
Audio Dual Matched PNP Transistor
REV. C
SSM2210 AD-SSM2210_15 Datasheet
2Mb / 12P
Audio Dual Matched NPN Transistor
REV. C
SSM2220 AD-SSM2220_15 Datasheet
370Kb / 12P
Audio Dual Matched PNP Transistor
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com