Electronic Components Datasheet Search
  English  ▼

X  

SSM2212 Datasheet(PDF) 9 Page - Analog Devices

Part # SSM2212
Description  Audio, Dual-Matched NPN Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2212 Datasheet(HTML) 9 Page - Analog Devices

Back Button SSM2212 Datasheet HTML 4Page - Analog Devices SSM2212 Datasheet HTML 5Page - Analog Devices SSM2212 Datasheet HTML 6Page - Analog Devices SSM2212 Datasheet HTML 7Page - Analog Devices SSM2212 Datasheet HTML 8Page - Analog Devices SSM2212 Datasheet HTML 9Page - Analog Devices SSM2212 Datasheet HTML 10Page - Analog Devices SSM2212 Datasheet HTML 11Page - Analog Devices SSM2212 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
SSM2212
Rev. C | Page 9 of 12
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
C1 1
B1 2
E1 3
NIC 4
C2
8
B2
7
E2
6
NIC
5
SSM2212
TOP VIEW
(Not to Scale)
NOTES
1. NIC = NO INTERNAL CONNECTION.
Figure 17. SOIC Pin Configuration
Table 5. SOIC Pin Function Descriptions
Pin No.
Mnemonic
Description
1
C1
Collector of Channel 1.
2
B1
Base of Channel 1.
3
E1
Emitter of Channel 1.
4, 5
NIC
No Internal Connection.
6
E2
Emitter of Channel 2.
7
B2
Base of Channel 2.
8
C2
Collector of Channel 2.
12
11
10
1
3
49
2
E1A
E1B
E2B
E2A
NIC
C2
NIC
NIC
NOTES
1. NIC = NO INTERNAL CONNECTION.
2. EXPOSED PAD. THE EXPOSED PAD MUST BE
CONNECTED TO THE LOWEST POTENTIAL.
SSM2212
TOP VIEW
(Not to Scale)
Figure 18. LFCSP Pin Configuration
Table 6. LFCSP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
E1A
Emitter of Channel 1. Must be connect to E1B.
2
E1B
Emitter of Channel 1. Must be connect to E1A.
3
E2B
Emitter of Channel 2. Must be connect to E2A.
4
E2A
Emitter of Channel 2. Must be connect to E2B.
5, 7, 8, 9, 10, 12, 14, 16
NIC
No Internal Connection.
6
B2
Base of Channel 2.
11
C2
Collector of Channel 2.
13
C1
Collector of Channel 1.
15
B1
Base of Channel 1.
EPAD
Exposed Pad. The exposed pad must be connected to the lowest potential.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com