Electronic Components Datasheet Search
  English  ▼

X  

THS10082 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # THS10082
Description  10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS10082 Datasheet(HTML) 33 Page - Texas Instruments

Back Button THS10082 Datasheet HTML 26Page - Texas Instruments THS10082 Datasheet HTML 27Page - Texas Instruments THS10082 Datasheet HTML 28Page - Texas Instruments THS10082 Datasheet HTML 29Page - Texas Instruments THS10082 Datasheet HTML 30Page - Texas Instruments THS10082 Datasheet HTML 31Page - Texas Instruments THS10082 Datasheet HTML 32Page - Texas Instruments THS10082 Datasheet HTML 33Page - Texas Instruments THS10082 Datasheet HTML 34Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
THS10082
SLAS254B – MAY 2002 – REVISED NOVEMBER 2002
www.ti.com
33
DC COUPLING
An operational amplifier can be configured to shift the signal level according to the analog input voltage range of the
THS10082. The analog input voltage range of the THS10082 goes from 1.5 V to 3.5 V. An op-amp specified for 5-V single
supply can be used as shown in Figure 42.
Figure 42 shows an application example where the analog input signal in the range from –1 V up to 1 V is shifted by an
op-amp to the analog input range of the THS10082 (1.5 V to 3.5 V). The op-amp is configured as an inverting amplifier with
a gain of –1. The required dc voltage of 1.25 V at the noninverting input is derived from the 2.5-V output reference REFOUT
of the THS10082 by using a resistor divider. Therefore, the op-amp output voltage is centered at 2.5 V. The use of ratio
matched, thin-film resistor networks minimizes gain and offset errors.
_
+
5 V
R
R
RS
3.5 V
2.5 V
1.5 V
THS10082
AINP
REFOUT
R
R
1.25 V
1 V
0 V
–1 V
REFIN
Figure 42. Level-Shift for DC-Coupled Input
DIFFERENTIAL MODE OF OPERATION
For the differential mode of operation, a conversion from single-ended to differential is required. A conversion to differential
signals can be achieved by using an RF-transformer, which provides a center tap. Best performance is achieved in
differential mode.
THS10082
AINP
AINM
REFOUT
C
C
R
R
200
Ω
49.9
Ω
Mini Circuits
T4–1
Figure 43. Transformer Coupled Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com