Electronic Components Datasheet Search
  English  ▼

X  

THS10082 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # THS10082
Description  10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS10082 Datasheet(HTML) 28 Page - Texas Instruments

Back Button THS10082 Datasheet HTML 24Page - Texas Instruments THS10082 Datasheet HTML 25Page - Texas Instruments THS10082 Datasheet HTML 26Page - Texas Instruments THS10082 Datasheet HTML 27Page - Texas Instruments THS10082 Datasheet HTML 28Page - Texas Instruments THS10082 Datasheet HTML 29Page - Texas Instruments THS10082 Datasheet HTML 30Page - Texas Instruments THS10082 Datasheet HTML 31Page - Texas Instruments THS10082 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
THS10082
SLAS254B – MAY 2002 – REVISED NOVEMBER 2002
www.ti.com
28
Read Timing Parameter (CS0-Controlled)(1)
PARAMETER
MIN
TYP
MAX
UNIT
tsu(R/W)
Setup time, R/W high to last CS valid
0
ns
ta
Access time, last CS valid to data valid
0
10
ns
td(CSDAV) Delay time, last CS valid to DATA_AV inactive
12
ns
th
Hold time, first CS invalid to data invalid
0
5
ns
th(R/W)
Hold time, first external CS invalid to R/W change
5
ns
tw(CS)
Pulse duration, CS active
10
ns
(1) CS = CS0
Write Timing (Using R/W, CS0-Controlled)
Figure 37 shows the write-timing behavior when the WR(R/W) input is programmed as a combined read-write input R/W.
The RD input has to be tied to high-level in this configuration. This timing is called CS0-controlled because CS0 is the last
external signal of CS0, CS1, and R/W which becomes valid.
90%
90%
90%
10%
tw(CS)
tsu(R/W)
th(R/W)
CS0
CS1
WR
RD
D(0–9)
DATA_AV
10%
tsu
th
Figure 37. Write Timing Diagram Using R/W (CS0-controlled)
Write Timing Parameter (CS0-Controlled)(1)
PARAMETER
MIN
TYP
MAX
UNIT
tsu(R/W)
Setup time, R/W stable to last CS valid
0
ns
tsu
Setup time, data valid to first CS invalid
5
ns
th
Hold time, first CS invalid to data invalid
2
ns
th(R/W)
Hold time, first CS invalid to R/W change
5
ns
tw(CS)
Pulse duration, CS active
10
ns
(1) CS = CS0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com