Electronic Components Datasheet Search
  English  ▼

X  

THS10082 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # THS10082
Description  10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS10082 Datasheet(HTML) 29 Page - Texas Instruments

Back Button THS10082 Datasheet HTML 25Page - Texas Instruments THS10082 Datasheet HTML 26Page - Texas Instruments THS10082 Datasheet HTML 27Page - Texas Instruments THS10082 Datasheet HTML 28Page - Texas Instruments THS10082 Datasheet HTML 29Page - Texas Instruments THS10082 Datasheet HTML 30Page - Texas Instruments THS10082 Datasheet HTML 31Page - Texas Instruments THS10082 Datasheet HTML 32Page - Texas Instruments THS10082 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
THS10082
SLAS254B – MAY 2002 – REVISED NOVEMBER 2002
www.ti.com
29
INTERFACING THE THS10082 TO THE TMS320C30/31/33 DSP
The following application circuit shows an interface of the THS10082 to the TMS320C30/31/33 DSPs. The read and write
timings (using R/W, CS0-controlled) shown before are valid for this specific interface.
CS0
CS1
R/W
DATA_AV
CONV_CLK
DATA
RD
DVDD
THS10082
TMS320C30/31/33
STRB
A23
R/W
INTX
TOUT
DATA
INTERFACING THE THS10082 TO THE TMS320C54X USING I/O STROBE
The following application circuit shows an interface of the THS10082 to the TMS320C54x. The read and write timings (using
R/W, CS0-controlled) shown before are valid for this specific interface.
CS0
CS1
R/W
DATA_AV
CONV_CLK
DATA
RD
DVDD
THS10082
TMS320C54x
I/O STRB
A15
R/W
INTX
BCLK
DATA
Read Timing (Using RD, RD-Controlled)
Figure 38 shows the read-timing behavior when the WR(R/W) input is programmed as a write-input only. The input RD acts
as the read-input in this configuration. This timing is called RD-controlled because RD is the last external signal of CS0,
CS1, and RD which becomes valid.
90%
90%
90%
10%
tw(RD)
tsu(CS)
th(CS)
ta
th
td(CSDAV)
CS0
CS1
WR
RD
D(0–9)
DATA_AV
10%
Figure 38. Read Timing Diagram Using RD (RD-controlled)
TMS320C30 is a trademark of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com