Electronic Components Datasheet Search
  English  ▼

X  

THS10082 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # THS10082
Description  10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS10082 Datasheet(HTML) 20 Page - Texas Instruments

Back Button THS10082 Datasheet HTML 16Page - Texas Instruments THS10082 Datasheet HTML 17Page - Texas Instruments THS10082 Datasheet HTML 18Page - Texas Instruments THS10082 Datasheet HTML 19Page - Texas Instruments THS10082 Datasheet HTML 20Page - Texas Instruments THS10082 Datasheet HTML 21Page - Texas Instruments THS10082 Datasheet HTML 22Page - Texas Instruments THS10082 Datasheet HTML 23Page - Texas Instruments THS10082 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
THS10082
SLAS254B – MAY 2002 – REVISED NOVEMBER 2002
www.ti.com
20
READING DATA FROM THE FIFO
The THS10082 informs the connected processor via the digital output DATA_AV (data available) that a block of conversion
values is ready to be read. The block size to be read is always equal to the setting of the trigger level. The selectable trigger
levels depend on the number of selected analog input channels. For example, when choosing one analog input, a trigger
level of 1, 4, 8, and 14 can be selected. The following figures demonstrate the principle of reading the data (the READ signal
is asynchronous to CONV_CLK).
In Figure 30, a trigger level of 1 is selected. The control signal DATA_AV is set to an active low pulse. This means that the
connected processor has the task to read 1 value from the ADC after every DATA_AV low pulse.
CONV_CLK
DATA_AV
READ
Figure 30. Trigger Level 1 Selected
In Figure 31, a trigger level of 4 is selected. The control signal DATA_AV is set to an active low pulse. This means that the
connected processor has the task to read 4 values from the ADC after every DATA_AV low pulse.
CONV_CLK
DATA_AV
READ
Figure 31. Trigger Level 4 Selected
In Figure 32, a trigger level of 8 is selected. The control signal DATA_AV is set to an active low pulse. This means that the
connected processor has the task to read 8 values from the ADC after every DATA_AV low pulse.
CONV_CLK
DATA_AV
READ
Figure 32. Trigger Level 8 Selected
In Figure 33, a trigger level of 14 is selected. The control signal DATA_AV is set to an active low pulse. This means that
the connected processor has the task to read 14 values from the ADC after every DATA_AV low pulse.
CONV_CLK
DATA_AV
READ
Figure 33. Trigger Level 14 Selected
As shown in Figure 30 through Figure 33, READ, is the logical combination of CS0, CS1, and RD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com