Electronic Components Datasheet Search
  English  ▼

X  

G9TA Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G9TA
Description  60 A High power latching relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9TA Datasheet(HTML) 1 Page - Omron Electronics LLC

  G9TA Datasheet HTML 1Page - Omron Electronics LLC G9TA Datasheet HTML 2Page - Omron Electronics LLC G9TA Datasheet HTML 3Page - Omron Electronics LLC G9TA Datasheet HTML 4Page - Omron Electronics LLC G9TA Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
G9TA
AC Power Latching Relay
60 A High power latching relay
• High power switching, Compact size
• High magnetic latching force provides vibration resistance
• Low contact resistance
Ordering Information
Note. When ordering, add the rated coil voltage to the model number.
Example: G9TA-U1ATH DC12
Rated coil voltage
However, the notation of the coil voltage on the product case as well as on the packing will be marked as[][] VDC.
Ratings
Coil
Single-winding Latching Type
Double-winding Latching Type
Note 1. The rated current and coil resistance were measured at a coil temperature of 23°C with tolerances of ± 10%.
Note 2. The operating characteristics are measured at a coil temperature of 23°C.
Note 3. The maximum permissible voltage is the maximum value of the fluctuation range for the Relay coil operating power supply and was measured at an ambient
temperature of 23°C.
Contacts
RoHS Compliant
Classification
Contact Form
Terminal Shape
Enclosure rating
Model
Rated coil voltage
Minimum packing unit
Single coil
SPST-NO
M5 securing screw
Flux protection
G9TA-U1ATH
12 VDC
25 pcs/tray
Welding terminals
G9TA-U1ATW
Double coils
M5 securing screw
G9TA-K1ATH
12 VDC
Welding terminals
G9TA-K1ATW
Item
Rated current (mA)
Coil resistance (
Ω)
Must set voltage
Must reset
voltage
Max. voltage
Power consumption
Rated Voltage
(V)
% of rated voltage
Set coil (W)
Reset coil (W)
DC
12
83
145
80% max.
80% max.
110% max.
Approx. 1.0
Item
Rated current (mA)
Coil resistance (
Ω)
Must set voltage
Must reset
voltage
Max. voltage
Power consumption
Rated Voltage
(V)
Set coil
Reset coil
Set coil
Reset coil
% of rated voltage
Set coil (W)
Reset coil (W)
DC
12
217
217
55
55
80% max.
80% max.
110% max.
Approx. 2.6
Approx. 2.6
Model
G9TA-U1A /G9TA-K1A
Item
Load
Resistive load
Inductive load (PF=0.5)
Contact type
SPST-NO
Contact material
Ag Alloy
Rated load
60 A at 250 VAC
Rated carry current
60 A
Max. switching voltage
250 VAC
Max. switching current
60 A
Model Number Structure
G9TA- 1A 
1. Relay Function
U: Single-winding latching
K: Double-winding latching
12 3
2. Number of poles
1: 1-Pole
4
3. Contact Form
A: SPST-NO
4. Terminal shape
TH: M5 securing screw
TW: Welding terminals
Application Examples
• Smart Meter
• Lighting control
• PV Inverter
• EV Charger


Similar Part No. - G9TA

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9TB OMRON-G9TB Datasheet
178Kb / 5P
120 A Compact and high power latching relay
G9TB-K1ATH-E OMRON-G9TB-K1ATH-E Datasheet
178Kb / 5P
120 A Compact and high power latching relay
G9TB-K1ATH-EDC12 OMRON-G9TB-K1ATH-EDC12 Datasheet
178Kb / 5P
120 A Compact and high power latching relay
G9TB-K1ATW-E OMRON-G9TB-K1ATW-E Datasheet
178Kb / 5P
120 A Compact and high power latching relay
G9TB-K1ATW-EDC12 OMRON-G9TB-K1ATW-EDC12 Datasheet
178Kb / 5P
120 A Compact and high power latching relay
More results

Similar Description - G9TA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF8509 ETC1-HF8509 Datasheet
105Kb / 2P
HIGH POWER LATCHING RELAY
logo
Hongfa Technology
JE12 HONGFA-JE12 Datasheet
94Kb / 4P
HIGH POWER LATCHING RELAY
logo
American Zettler, Inc.
AZ2500 AZETTLER-AZ2500 Datasheet
192Kb / 3P
60 AMP LATCHING POWER RELAY
logo
Hongfa Technology
HFE25 HONGFA-HFE25 Datasheet
65Kb / 3P
HIGH POWER LATCHING RELAY
HFE17 HONGFA-HFE17_15 Datasheet
54Kb / 3P
HIGH POWER LATCHING RELAY
HFE25 HONGFA-HFE25_15 Datasheet
59Kb / 3P
HIGH POWER LATCHING RELAY
HFE28 HONGFA-HFE28 Datasheet
72Kb / 3P
HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
HIGH POWER LATCHING RELAY
HFE29 HONGFA-HFE29 Datasheet
60Kb / 3P
HIGH POWER LATCHING RELAY
logo
American Zettler, Inc.
AZ2501L AZETTLER-AZ2501L Datasheet
305Kb / 3P
60 AMP LATCHING POWER RELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com