Electronic Components Datasheet Search
  English  ▼

X  

G9TA Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G9TA
Description  60 A High power latching relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9TA Datasheet(HTML) 5 Page - Omron Electronics LLC

  G9TA Datasheet HTML 1Page - Omron Electronics LLC G9TA Datasheet HTML 2Page - Omron Electronics LLC G9TA Datasheet HTML 3Page - Omron Electronics LLC G9TA Datasheet HTML 4Page - Omron Electronics LLC G9TA Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
G9TA
AC Power Latching Relay
Safety Precautions
• Please refer to "PCB Relays Common Precautions" for correct use.
Installation
• The relay contacts are polarized. Incorrect wiring may cause a
failure to break the circuit. Wire the Relay with care.
• Install the Relays in locations that are as dry as possible and
have as little dust, dirt, and harmful gas.
• Using the Relay under high temperature, high humidity, or
harmful gas may deteriorate its performance characteristics
due to condensation or corrosive materials, resulting in failure
or burn damage to the Relay.
Relay Service Life
• The electrical durability of these Relays is specified as the
number of load switching operations under a resistive load and
OMRON-specified standard testing conditions.
The coil drive circuit, ambient environment, switching
frequency, or load conditions (e.g., inductive load or capacitor
load) may reduce the service life and possibly lead to failure to
break. Always confirm the service life in the actual equipment.
Wiring
• Be sure to tighten all screws to the appropriate torque given below.
• Loose screws may result in burning due to abnormal heat generation during energization.
• M5 screws: 1.57 to 2.35 N·m
• Use a spring washer in order to prevent deformation and looseness.
• Allow suitable slack on leads when wiring, and do not apply excessive force to the terminals.
Correct Use
• Application examples provided in this document are for reference only. In actual applications, confirm equipment functions and safety before using the product.
• Consult your OMRON representative before using the product under conditions which are not described in the manual or applying the product to nuclear control systems,
railroad systems, aviation systems, vehicles, combustion systems, medical equipment, amusement machines, safety equipment, and other systems or equipment that may
have a serious influence on lives and property if used improperly. Make sure that the ratings and performance characteristics of the product provide a margin of safety for the
system or equipment, and be sure to provide the system or equipment with double safety mechanisms.
Cat. No. J220-E1-01
0318(0318)(O)
Note: Do not use this document to operate the Unit.
OMRON Corporation
Electronic and Mechanical Components Company
Contact: www.omron.com/ecb



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com