Electronic Components Datasheet Search
  English  ▼

X  

G9TA Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G9TA
Description  60 A High power latching relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9TA Datasheet(HTML) 2 Page - Omron Electronics LLC

  G9TA Datasheet HTML 1Page - Omron Electronics LLC G9TA Datasheet HTML 2Page - Omron Electronics LLC G9TA Datasheet HTML 3Page - Omron Electronics LLC G9TA Datasheet HTML 4Page - Omron Electronics LLC G9TA Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
G9TA
AC Power Latching Relay
Characteristics
Note. The values given above are initial values.
*1.
Measurement conditions: 24 VDC, 1 A, voltage drop method.
*2.
Measurement conditions: Rated operating voltage applied, not including contact bounce.
Ambient temperature: 23°C
*3.
Measurement conditions: The insulation resistance was measured with a 500 VDC megohm meter at the same locations as the dielectric strength was measured.
*4.
Contact your OMRON sales representative for Electrical Durability technical data.
*5.
The characteristic meets IEC62055-31 test requirement.
Item
G9TA-U1A
G9TA-K1A
Contact resistance *1
2 m
Ω max.
Set time *2
30 ms max.
20 ms max.
Reset time *2
30 ms max.
20 ms max.
Minimum pulse width
100 ms
Maximum pulse width
1,000 ms
Insulation resistance *3
1,000 M
Ω min.
Dielectric strength
Between coil and contacts
4,000 VAC, 50/60 Hz for 1 min
Between contacts of the
same polarity
1,500 VAC, 50/60 Hz for 1 min
Impulse withstand
voltage
Between coil and contacts
6 kV
Vibration resistance
Destruction
10 to 150 to 10 Hz, f < 60 Hz: Constant amplitude 0.075 mm, f > 60 Hz: Constant acceleration 9.8 m/s2
Malfunction
10 to 55 to 10 Hz, 0.75 mm single amplitude (1.5 mm double amplitude)
Shock resistance
Destruction
1,000 m/s2
Malfunction
100 m/s2
Durability
Mechanical
100,000 operations min. (at 7,200 operations/h)
Electrical *4
5,000 operations, resistive load and then
5,000 operations, inductive load (PF=0.5) (operation: ON for 10 sec, OFF for 20 sec) *5
Ambient operating temperature
-40 to 85°C (with no icing or condensation)
Ambient operating humidity
5 to 85%
Weight
Approx. 42 g



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com