Electronic Components Datasheet Search
  English  ▼

X  

G9TA Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G9TA
Description  60 A High power latching relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9TA Datasheet(HTML) 3 Page - Omron Electronics LLC

  G9TA Datasheet HTML 1Page - Omron Electronics LLC G9TA Datasheet HTML 2Page - Omron Electronics LLC G9TA Datasheet HTML 3Page - Omron Electronics LLC G9TA Datasheet HTML 4Page - Omron Electronics LLC G9TA Datasheet HTML 5Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
G9TA
AC Power Latching Relay
Dimensions
(Unit: mm)
37.1 max.
33.5 max.
5
9.3
10
38.6
3.7
18.55
9.9
10
4.95
5
3.7
30
4
4.65
6.7
Two, 5.5 dia.
4
1
7.7
1
5±0.05
14.2
18 max.
Two,
@0.64±0.01
12
3
4
S
R
-
-
Terminal arrangement/Internal Connections
(TOP VIEW)
Check carefully the coil polarity of the Relay.
G9TA-U1ATH
12
3
4
S
R
-
-
Check carefully the coil polarity of the Relay.
Two,
@0.64±0.01
Terminal arrangement/Internal Connections
(TOP VIEW)
33.5 max.
37.1 max.
30
8.8
4
38.6
7.7
10.6
18.55
1
1
12
14.2
18 max.
5±0.05
G9TA-U1ATW
Check carefully the coil polarity of the Relay.
5±0.05
5±0.05
Two, 5.5 dia.
Three,
@0.64±0.01
4.95
5
7.7
3.7
12
3
4
5
SR
-
37.1 max.
33.5 max.
30
4
6.7
9.3
4.65
3.7
1
1
9.9
13.55
38.6
10
18 max.
14.2
5
10
4
Terminal arrangement/Internal Connections
(TOP VIEW)
G9TA-K1ATH



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com