Electronic Components Datasheet Search
  English  ▼

X  

TPS5300 Datasheet(PDF) 9 Page - Texas Instruments

Part # TPS5300
Description  MOBILE CPU POWER SUPPLY CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5300 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS5300 Datasheet HTML 5Page - Texas Instruments TPS5300 Datasheet HTML 6Page - Texas Instruments TPS5300 Datasheet HTML 7Page - Texas Instruments TPS5300 Datasheet HTML 8Page - Texas Instruments TPS5300 Datasheet HTML 9Page - Texas Instruments TPS5300 Datasheet HTML 10Page - Texas Instruments TPS5300 Datasheet HTML 11Page - Texas Instruments TPS5300 Datasheet HTML 12Page - Texas Instruments TPS5300 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
TPS5300
SLVS334A – DECEMBER 2000 – REVISED SEPTEMBER 2001
9
www.ti.com
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ANAGND
4
Analog ground
BG
17
O
Bottom gate drive. BG is an output drive to the low-side synchronous rectifier FET.
BOOT
21
I
Bootstrap. Connect a 1-
µF low-ESR ceramic capacitor to PH to generate a floating drive for the high-side
FET driver.
DROOP
10
I
Active voltage droop position voltage. DROOP is a voltage input used to set the amount of output-voltage,
set-point droop as a function of load current. The amount of droop compensation is set with a resistor divider
between IOUT and ANAGND. A voltage divider from VO to VSENSE_CORE sets the no-load offset.
DRV_CLK
1
O
CLK voltage regulator. DRV_CLK drives an external NPN bipolar power transistor for regulating CLK
voltage to VREF_CLK.
DRVGND
16
Drive ground. Ground for FET drivers. Connect to FET PWRGND
DRV_IO
32
O
Drives an external NPN bipolar power transistor for regulating IO voltage to VREF_IO.
DT_SET
3
I
DT_SET sets the transition time for speed step output voltage positioning. Attach a capacitor from DT_SET
to ground to program time.
ENABLE_EXT
29
O
Open drain output. ENABLE_EXT enables the external converters when the internal enable signal is high
(good), and disables when there is a fault with any regulator (OVP, UVP, OCPrr), VR_ON UVLO is low, or the
VBIAS UVLO is low. Can be connected to the enable terminal of an external linear regulator or switching
controller. A pullup resistor is required to set the desired voltage rail.
IS–
13
I
Current sense negative Kelvin connection. Connect to the node between the current sense resistor and the
output capacitors. Keep the PCB trace short and route trace next to the IS+ trace to help reduce loop
inductance noise pickup and cancel common mode noise through mutual coupling.
IS+
14
I
Current sense positive Kelvin connection. Connect to the node between the output inductor and the current
sense resistor. Keep the PCB trace short and route trace next to the IS-trace to help reduce loop inductance
noise and cancel common mode noise through mutual coupling.
IOUT
11
O
Current sense differential amplifier output. The voltage on IOUT equals
25 x (VI(+) – VI(–)) = 25 x (R(sense) xIL).
OCP
9
I
Overcurrent protection. Current limit trip point is set with a resistor divider between IOUT and ANAGND. The
typical OCP trip point should be set at 1.30
×I(max).TheOCPvoltagealsosetsthePSMautomatictrippoints.
PH
19
I/O
Phase voltage node. PH is used for bootstrap low reference. PH connects to the junction of the high-side and
low-side FET’s.
PSM/LATCH
12
I
PSM. Power saving mode boosts efficiency at low-load current by automatically decreasing the switching
frequency toward the natural converter operating frequency. A logic low (<1.8) disables PSM, maintaining
the higher switching frequency range set by ramp components. See Figure 1.
LATCH. Allows disabling fault latch. Recommend enabling fault latch protection
RAMP
28
I/O
Sets a ramp on the feedback signal to increase the switching frequency. Add a resistor from PH to RAMP and
connect RAMP to VSENSE_CORE for a dc-coupled ramp. Add a capacitor from RAMP to VSENSE_CORE
to set an ac-coupled ramp.
SLOWST
6
I
Slowstart (softstart). A capacitor from SLOWST to GND sets the slowstart time for the ripple regulator and
the two linear regulators. The three converters will ramp up together while tracking the output voltage. A
current equal to I(VREFB)/5 charges the capacitor.
TG
20
O
Top gate drive. TG is an output drive to the high-side power switching FET’s. It is also used in the
anticross-conduction circuit to eliminate shoot-through current.
VBIAS
30
I
Analog VBIAS. It is recommended that at least a 1-
µF capacitor be connected to ANAGND. Supply from VCC
through RC filter
VCC
18
Supply voltage. VCC is the supply voltage for the FET drivers. Add an external resistor/capacitor filter from
VCC to VBIAS. It is recommended that a 1-
µF capacitor be connected to the DRVGND terminal.
VGATE
15
O
Logical and output of the combined core, IO, and CLK powergood. VGATE outputs a logic high when all
(core, IO, CLK) output voltages are within 7% of the reference voltage. An open drain output allows setting to
desired voltage level through a pullup resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com