Electronic Components Datasheet Search
  English  ▼

X  

TPS5300 Datasheet(PDF) 17 Page - Texas Instruments

Part # TPS5300
Description  MOBILE CPU POWER SUPPLY CONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS5300 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TPS5300 Datasheet HTML 13Page - Texas Instruments TPS5300 Datasheet HTML 14Page - Texas Instruments TPS5300 Datasheet HTML 15Page - Texas Instruments TPS5300 Datasheet HTML 16Page - Texas Instruments TPS5300 Datasheet HTML 17Page - Texas Instruments TPS5300 Datasheet HTML 18Page - Texas Instruments TPS5300 Datasheet HTML 19Page - Texas Instruments TPS5300 Datasheet HTML 20Page - Texas Instruments TPS5300 Datasheet HTML 21Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
TPS5300
SLVS334A – DECEMBER 2000 – REVISED SEPTEMBER 2001
17
www.ti.com
APPLICATION INFORMATION
(a)
IO = 24 A
VI = 6 V
IO = 24 A
VI = 22 V
(b)
NOTE: Channel 1 = drain source voltage (10 V/div),
Channel 2 = output voltage ripple (50 nV/div)
Figure 2. Output Voltage Ripple and Low-Side FET Drain-Source Voltage
IO = 10 A
VI = 4.5 V
NOTE: Channel 1 = input voltage ripple, Channel 2 = output voltage, Channel 3 = VGATE signal, Channel 4 = input current.
Figure 3. Dynamic VID-Code Change Waveforms From 1.35 V to 1.6 V and Back



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com