Electronic Components Datasheet Search
  English  ▼

X  

TPS54980 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54980
Description  3-V TO 4-V INPUT 9-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS FOR SEQUENCING
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54980 Datasheet(HTML) 4 Page - Texas Instruments

  TPS54980 Datasheet HTML 1Page - Texas Instruments TPS54980 Datasheet HTML 2Page - Texas Instruments TPS54980 Datasheet HTML 3Page - Texas Instruments TPS54980 Datasheet HTML 4Page - Texas Instruments TPS54980 Datasheet HTML 5Page - Texas Instruments TPS54980 Datasheet HTML 6Page - Texas Instruments TPS54980 Datasheet HTML 7Page - Texas Instruments TPS54980 Datasheet HTML 8Page - Texas Instruments TPS54980 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TPS54980
SLVS452A − FEBRUARY 2003 − REVISED FEBRUARY 2005
www.ti.com
4
ELECTRICAL CHARACTERISTICS (continued)
over operating free-air temperature range unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ERROR AMPLIFIER
Error amplifier open loop voltage gain
1 k
Ω COMP to AGND(1)
90
110
dB
Error amplifier unity gain bandwidth
Parallel 10 k
Ω, 160 pF COMP to AGND(1)
3
5
MHz
Error amplifier common mode input voltage
range
Powered by internal LDO(1)
0
VBIAS
V
Input bias current, VSENSE
VSENSE = Vref
60
250
nA
Output voltage slew rate (symmetric), COMP
1.0
1.4
V/
µs
PWM COMPARATOR
PWM comparator propagation delay time,
PWM comparator input to PH pin (excluding
deadtime)
10-mV overdrive(1)
70
85
ns
ENABLE
Enable threshold voltage, ENA
0.82
1.20
1.40
V
Enable hysteresis voltage, ENA
0.03
V
Falling edge deglitch, ENA(1)
2.5
µs
Leakage current, ENA
VI = 3.6 V
1
µA
POWER GOOD
Power good threshold voltage
VSENSE falling
90
%Vref
Power good hysteresis voltage(1)
3
%Vref
Power good falling edge deglitch(1)
35
µs
Output saturation voltage, PWRGD
I(sink) = 2.5 mA
0.18
0.3
V
Leakage current, PWRGD
VI = 3.6 V
1
µA
CURRENT LIMIT
Current limit trip point
VI = 3.6 V Output shorted(1)
11
15
A
Current limit leading edge blanking time
100
ns
Current limit total response time
200
ns
THERMAL SHUTDOWN
Thermal shutdown trip point(1)
135
150
165
°C
Thermal shutdown hysteresis(1)
10
°C
OUTPUT POWER MOSFETS
rDS(on) Power MOSFET switches
VI = 3.6 V(4)
14
28
m
Ω
rDS(on) Power MOSFET switches
VI = 3 V(4)
15
30
m
Ω
TRACKIN
Input offset, TRACKIN
VSENSE = TRACKIN = 1.25 V
−1.5
1.5
mV
Input voltage range, TRACKIN
See Note 1
0
Vref
V
(1) Specified by design
(2) Static resistive loads only
(3) Specified by the circuit used in Figure 9
(4) Matched MOSFETs low-side rDS(on) production tested, high-side rDS(on) specified by design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com