Electronic Components Datasheet Search
  English  ▼

X  

TPS54980 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54980
Description  3-V TO 4-V INPUT 9-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS FOR SEQUENCING
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54980 Datasheet(HTML) 1 Page - Texas Instruments

  TPS54980 Datasheet HTML 1Page - Texas Instruments TPS54980 Datasheet HTML 2Page - Texas Instruments TPS54980 Datasheet HTML 3Page - Texas Instruments TPS54980 Datasheet HTML 4Page - Texas Instruments TPS54980 Datasheet HTML 5Page - Texas Instruments TPS54980 Datasheet HTML 6Page - Texas Instruments TPS54980 Datasheet HTML 7Page - Texas Instruments TPS54980 Datasheet HTML 8Page - Texas Instruments TPS54980 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TPS54980
SLVS452A − FEBRUARY 2003 − REVISED FEBRUARY 2005
3V TO 4V INPUT, 9A OUTPUT TRACKING SYNCHRONOUS BUCK
PWM SWITCHER WITH INTEGRATED FETs (SWIFT) FOR SEQUENCING
6,4 mm X 9,7 mm
Typical Size
FEATURES
D Power Up/Down Tracking For Sequencing
D 15-mΩ MOSFET Switches for High Efficiency
at 9-A Continuous Output Source or Sink
Current
D Wide PWM Frequency:
Fixed 350 kHz or Adjustable 280 kHz to
700 kHz
D Power Good and Enable
D Load Protected by Peak Current Limit and
Thermal Shutdown
D Integrated Solution Reduces Board Area and
Component Count
APPLICATIONS
D Low-Voltage, High-Density Distributed Power
Systems
D Point of Load Regulation for High
Performance DSPs, FPGAs, ASICs and
Microprocessors Requiring Sequencing
D Broadband, Networking and Optical
Communications Infrastructure
DESCRIPTION
As a member of the SWIFT
 family of dc/dc regulators,
the TPS54980 low-input voltage high-output current
synchronous buck PWM converter integrates all
required active components. Using the TRACKIN pin
with other regulators, simultaneous power up and down
are easily implemented. Included on the substrate with
the listed features are a true, high performance, voltage
error amplifier that enables maximum performance and
flexibility in choosing the output filter L and C
components;
an
under-voltage-lockout
circuit
to
prevent start-up until the input voltage reaches 3 V; an
internally or externally set slow-start circuit to limit
inrush currents; and a power good output useful for
processor/logic reset.
The TPS54980 is available in a thermally enhanced
28-pin TSSOP (PWP) PowerPAD
 package, which
eliminates bulky heatsinks. TI provides evaluation
modules and the SWIFT
 designer software tool to aid
in quickly achieving high-performance power supply
designs to meet aggressive equipment development
cycles.
SIMPLIFIED SCHEMATIC
VIN
PH
BOOT
PGND
VSENSE
Core Supply
COMP
AGND
VBIAS
Input
TPS54980
TRACKIN
I/O Supply
RL = 1 Ω
VI/O = 3.3 V
V(core) = 1.8 V
t − Time − 1 ms/div
START-UP WAVEFORM
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
PowerPAD and SWIFT are trademarks of Texas Instruments.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2003 − 2005, Texas Instruments Incorporated


Similar Part No. - TPS54980

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54980 TI-TPS54980 Datasheet
71Kb / 4P
SWIFT Converter Product Portfolio
TPS54980 TI1-TPS54980 Datasheet
670Kb / 22P
3-V TO 4-V INPUT,9-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTERRATED FETs(SWIFT)FOR SEQUENCING
TPS54980 TI2-TPS54980 Datasheet
912Kb / 23P
3-V TO 4-V INPUT, 9-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT™) FOR SEQUENCING
REVISED FEBRUARY 2005
TPS54980PWP TI1-TPS54980PWP Datasheet
670Kb / 22P
3-V TO 4-V INPUT,9-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTERRATED FETs(SWIFT)FOR SEQUENCING
TPS54980PWP TI2-TPS54980PWP Datasheet
912Kb / 23P
3-V TO 4-V INPUT, 9-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT™) FOR SEQUENCING
REVISED FEBRUARY 2005
More results

Similar Description - TPS54980

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54680 TI-TPS54680 Datasheet
228Kb / 18P
3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT) FOR SEQUENCING
TPS54380 TI-TPS54380 Datasheet
250Kb / 15P
3-V TO 6-V INPUT 3-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS FOR SEQUENCING
TPS54880 TI-TPS54880 Datasheet
461Kb / 19P
4-V TO 6-V INPUT, 8-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT) FOR SEQUENCING
TPS54680-EP TI1-TPS54680-EP Datasheet
796Kb / 22P
3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT??FOR SEQUENCING
TPS54680-Q1 TI1-TPS54680-Q1 Datasheet
288Kb / 19P
3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT?? FOR SEQUENCING
TPS54380PWPG4 TI-TPS54380PWPG4 Datasheet
783Kb / 21P
3-V TO 6-V INPUT, 3-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT) FOR SEQUENCING
TPS54680 TI-TPS54680_15 Datasheet
809Kb / 24P
3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT?? FOR SEQUENCING
TPS54680-EP TI-TPS54680-EP_15 Datasheet
1Mb / 25P
3-V TO 6-V INPUT, 6-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT?? FOR SEQUENCING
TPS54980 TI-TPS54980_15 Datasheet
668Kb / 21P
3-V TO 4-V INPUT,9-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTERRATED FETs(SWIFT)FOR SEQUENCING
TPS54980 TI1-TPS54980_16 Datasheet
670Kb / 22P
3-V TO 4-V INPUT,9-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTERRATED FETs(SWIFT)FOR SEQUENCING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com