Electronic Components Datasheet Search
  English  ▼

X  

TPS54980 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54980
Description  3-V TO 4-V INPUT 9-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS FOR SEQUENCING
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54980 Datasheet(HTML) 3 Page - Texas Instruments

  TPS54980 Datasheet HTML 1Page - Texas Instruments TPS54980 Datasheet HTML 2Page - Texas Instruments TPS54980 Datasheet HTML 3Page - Texas Instruments TPS54980 Datasheet HTML 4Page - Texas Instruments TPS54980 Datasheet HTML 5Page - Texas Instruments TPS54980 Datasheet HTML 6Page - Texas Instruments TPS54980 Datasheet HTML 7Page - Texas Instruments TPS54980 Datasheet HTML 8Page - Texas Instruments TPS54980 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TPS54980
SLVS452A − FEBRUARY 2003 − REVISED FEBRUARY 2005
www.ti.com
3
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY VOLTAGE, VIN
Input voltage range, VIN
3.0
4.0
V
I(Q)
Quiescent current
fs = 350 kHz, RT open,
PH pin open
9.8
17
mA
I(Q)
Quiescent current
fs = 500 kHz, RT = 100 kΩ, PH pin open
14
23
mA
Shutdown, ENA = 0 V
1
1.4
UNDER VOLTAGE LOCK OUT
Start threshold voltage, UVLO
2.95
3.0
V
Stop threshold voltage, UVLO
2.70
2.80
V
Hysteresis voltage, UVLO
0.14
0.16
V
Rising and falling edge deglitch, UVLO(1)
2.5
µs
BIAS VOLTAGE
Output voltage, VBIAS
I(VBIAS) = 0
2.70
2.80
2.90
V
Output current, VBIAS (2)
100
µA
CUMULATIVE REFERENCE
Vref
Accuracy
0.882
0.891
0.900
V
REGULATION
Line regulation(1)(3)
IL = 4.5 A,fs = 350 kHz, TJ = 85°C
0.04
%/V
Line regulation(1)(3)
IL = 4.5 A,fs = 550 kHz, TJ = 85°C
0.04
%/V
Load regulation(1)(3)
IL = 0 A to 9 A, fs = 350 kHz, TJ = 85°C
0.03
%/A
Load regulation(1)(3)
IL = 0 A to 9 A, fs = 550 kHz, TJ = 85°C
0.03
%/A
OSCILLATOR
Internally set—free running frequency
RT open
280
350
420
kHz
RT = 180 k
Ω (1% resistor to AGND)
252
280
308
Externally set—free running frequency range
RT = 100 k
Ω (1% resistor to AGND)
460
500
540
kHz
Externally set—free running frequency range
RT = 68 k
Ω (1% resistor to AGND)
663
700
762
kHz
Ramp valley(1)
0.75
V
Ramp amplitude (peak-to-peak)(1)
1
V
Minimum controllable on time(1)
200
ns
Maximum duty cycle
90%
(1) Specified by design
(2) Static resistive loads only
(3) Specified by the circuit used in Figure 9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com