Electronic Components Datasheet Search
  English  ▼

X  

TPS54980 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54980
Description  3-V TO 4-V INPUT 9-A OUTPUT TRACKING SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETS FOR SEQUENCING
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54980 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54980 Datasheet HTML 4Page - Texas Instruments TPS54980 Datasheet HTML 5Page - Texas Instruments TPS54980 Datasheet HTML 6Page - Texas Instruments TPS54980 Datasheet HTML 7Page - Texas Instruments TPS54980 Datasheet HTML 8Page - Texas Instruments TPS54980 Datasheet HTML 9Page - Texas Instruments TPS54980 Datasheet HTML 10Page - Texas Instruments TPS54980 Datasheet HTML 11Page - Texas Instruments TPS54980 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TPS54980
SLVS452A − FEBRUARY 2003 − REVISED FEBRUARY 2005
www.ti.com
8
APPLICATION INFORMATION
Figure 9 shows the schematic diagram for a typical
TPS54980 application. The TPS54980 (U1) can provide
greater than 9 A of output current at a nominal output
voltage of 1.8 V. For proper thermal performance, the
exposed thermal PowerPAD underneath the integrated
circuit package must be soldered to the printed-circuit
board. To provide power up tracking, the enable of the I/O
supply should be used. If the I/O enable is not used to
power up, then devices with similar undervoltage lockout
thresholds need to be implemented to ensure power up
tracking. To ensure power down tracking, the enable pin
should be used.
R3
I/O Power Supply
VOUT_I/O
U1
RT
ENA
TRACKIN
VBIAS
VIN
VIN
VIN
VIN
VIN
PGND
PGND
PGND
PGND
PGND
PwrPad
AGND
VSENSE
COMP
PWRGD
BOOT
PH
PH
PH
PH
PH
PH
PH
PH
PH
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
10 k
Ω
R1
10 k
Ω
R4
10 k
Ω
R6
9.76 k
Ω
VIN
C6
10
µF
C7
10
µF
C2
1
µF
C5
0.047
µF
L1
0.65
µH
R9
2.2
Ω
C11
3300 pF
C1
470 pF
C4
12 pF
R5
10 k
Ω
C8
22
µF
C9
22
µF
C10
22
µF
R7
301
Ω
C3
470 pF
R8
9.76 k
Ω
R2
71.5 k
Ω
Analog and Power Grounds are Tied at
the Power Pad Under the Package of IC
VOUT_CORE
TPS54910
TPS54980
Figure 9. Application Circuit
COMPONENT SELECTION
The values for the components used in this design
example were selected for low output ripple voltage and
small PCB area. Additional design information is available
at www.ti.com.
INPUT FILTER
The input voltage is a nominal 3.3 Vdc. The input filter C6
is a 10-
µF ceramic capacitor (Taiyo Yuden). C7 also a
10-
µF ceramic capacitor (Taiyo Yuden) provides high
frequency decoupling of the TPS54980 from the input
supply and must be located as close as possible to the
device. Ripple current is carried in both C6 and C7, and the
return path to PGND must avoid the current circulating in
the output capacitors C8, C9, and C10.
FEEDBACK CIRCUIT
The values for these components have been selected to
provide low output ripple voltage. The resistor divider
network of R3 and R8 sets the output voltage for the circuit
at 1.8 V. R3, along with R7, R5, C1, C3, and C4, forms the
loop compensation network for the circuit. For this design,
a Type 3 topology is used.
OPERATING FREQUENCY
In the application circuit, the 350 kHz operation is selected
by leaving RT open. Connecting a 180 k
Ω to 68 kΩ resistor
between RT (pin 28) and analog ground can be used to set
the switching frequency to 280 kHz to 700 kHz. To
calculate the RT resistor, use the equation below:
R
+
500 kHz
Switching Frequency
100 [k
W]
OUTPUT FILTER
The output filter is composed of a 0.65-
µH inductor and 3
x 22-
µF capacitor. The inductor is a low dc resistance
(0.017
Ω) type, Pulse Engineering PA0227. The
capacitors used are 22-
µF, 6.3 V ceramic types with X5R
dielectric. The feedback loop is compensated so that the
unity gain frequency is approximately 75 kHz.
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com