Electronic Components Datasheet Search
  English  ▼

X  

TMUX1072 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1072
Description  2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1072 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TMUX1072 Datasheet HTML 12Page - Texas Instruments TMUX1072 Datasheet HTML 13Page - Texas Instruments TMUX1072 Datasheet HTML 14Page - Texas Instruments TMUX1072 Datasheet HTML 15Page - Texas Instruments TMUX1072 Datasheet HTML 16Page - Texas Instruments TMUX1072 Datasheet HTML 17Page - Texas Instruments TMUX1072 Datasheet HTML 18Page - Texas Instruments TMUX1072 Datasheet HTML 19Page - Texas Instruments TMUX1072 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
16
TMUX1072
SCDS382 – APRIL 2018
www.ti.com
Product Folder Links: TMUX1072
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
10 Power Supply Recommendations
Power to the device is supplied through the VCC pin. TI recommends placing a 100-nF bypass capacitor as
close to the supply pin VCC as possible to help smooth out lower frequency noise to provide better load
regulation across the frequency spectrum.
11 Layout
11.1 Layout Guidelines
1. Place supply bypass capacitors as close to VCC pin as possible and avoid placing the bypass caps near the
signal traces.
2. The high-speed traces should always be of equal length and must be no more than 4 inches; otherwise, the
eye diagram performance may be degraded.
3. Route the high-speed signals using a minimum of vias and corners which will reduce signal reflections and
impedance changes. When a via must be used, increase the clearance size around it to minimize its
capacitance. Each via introduces discontinuities in the transmission line of the signal and increases the
chance of picking up interference from the other layers of the board. Be careful when designing test points
on twisted pair lines; through-hole pins are not recommended.
4. When it becomes necessary to turn 90°, use two 45° turns or an arc instead of making a single 90° turn. This
reduces reflections on the signal traces by minimizing impedance discontinuities.
5. Do not route signal traces under or near crystals, oscillators, clock signal generators, switching regulators,
mounting holes, magnetic devices, or IC’s that use or duplicate clock signals.
6. Avoid stubs on the high-speed signals because they cause signal reflections.
7. Route all high-speed signal traces over continuous planes (VCC or GND), with no interruptions.
8. Avoid crossing over anti-etch, commonly found with plane splits.
9. For high frequency systems, a printed circuit board with at least four layers is recommended: two signal
layers separated by a ground layer and a power layer. The majority of signal traces should run on a single
layer, preferably Signal 1. Immediately next to this layer should be the GND plane, which is solid with no
cuts. Avoid running signal traces across a split in the ground or power plane. When running across split
planes is unavoidable, sufficient decoupling must be used. Minimizing the number of signal vias reduces EMI
by reducing inductance at high frequencies. For more information on layout guidelines, see High Speed
Layout Guidelines (SCAA082)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com