Electronic Components Datasheet Search
  English  ▼

X  

TMUX1072 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1072
Description  2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1072 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMUX1072 Datasheet HTML 9Page - Texas Instruments TMUX1072 Datasheet HTML 10Page - Texas Instruments TMUX1072 Datasheet HTML 11Page - Texas Instruments TMUX1072 Datasheet HTML 12Page - Texas Instruments TMUX1072 Datasheet HTML 13Page - Texas Instruments TMUX1072 Datasheet HTML 14Page - Texas Instruments TMUX1072 Datasheet HTML 15Page - Texas Instruments TMUX1072 Datasheet HTML 16Page - Texas Instruments TMUX1072 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Existing Solutions
NO2
COM2
NC2
NO1
NC1
COM1
Device 1
Device 2
13
TMUX1072
www.ti.com
SCDS382 – APRIL 2018
Product Folder Links: TMUX1072
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Powered-off Protection
When the TMUX1072 is powered off the I/Os of the device remain in a high-Z state. The crosstalk, off-isolation,
and leakage remain within the Electrical Specifications
This prevents errant voltages from reaching the rest of the system and maintains isolation when the system is
powering up.
8.3.2 Overvoltage Detection
When a voltage on the COM pin exceeds the VOVP_TH, the open drain output FLT pin pulls the pin low to indicate
an overvoltage event has been detected. The open drain output will release the FLT pin when the voltage on the
COM pin returns below the VOVP_TH.
8.3.3 Overtemperature Detection
When the junction temperature of the device exceeds the overtemperature detection threshold TOTD_TH, the open
drain output FLT pin pulls the pin low to indicate an overtemperature event has been detected. The open drain
output releases the FLT pin when the junction temperature returns below the TOTD_TH.
8.3.4 Overvoltage Protection
The OVP of the TMUX1072 is designed to protect the system from overvoltage conditions up to 20 V on the
COM1 and COM2 pins. Figure 12 depicts an event where up to 20 V could appear on COM1 and COM2 that
could pass through the device and damage components behind the device.
Figure 12. Existing Solution Being Damaged by a Short, 20 V
The TMUX1072 opens the switches and protect the rest of the system by blocking the 20 V as depicted in
Figure 13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com