Electronic Components Datasheet Search
  English  ▼

X  

TMUX1072 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1072
Description  2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1072 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TMUX1072 Datasheet HTML 2Page - Texas Instruments TMUX1072 Datasheet HTML 3Page - Texas Instruments TMUX1072 Datasheet HTML 4Page - Texas Instruments TMUX1072 Datasheet HTML 5Page - Texas Instruments TMUX1072 Datasheet HTML 6Page - Texas Instruments TMUX1072 Datasheet HTML 7Page - Texas Instruments TMUX1072 Datasheet HTML 8Page - Texas Instruments TMUX1072 Datasheet HTML 9Page - Texas Instruments TMUX1072 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
TMUX1072
SCDS382 – APRIL 2018
www.ti.com
Product Folder Links: TMUX1072
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Electrical Characteristics (continued)
TA = –40°C to +85°C , VCC = 2.3 V to 5.5 V, GND = 0V, Typical values are at VCC = 3.3 V, TA = 25°C, (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RPD
Internal pull-down resistor on digital
input pins
SEL1, SEL2
6
MΩ
OE
3
MΩ
CI
Digital input capacitance
SEL1, SEL2 = 0 V, 1.8 V or VCC
f = 1 MHz
TBD
pF
Protection and Detection
VOVP_TH
OVP positive threshold
5.55
5.8
6.0
V
VOVP_HYST
OVP threshold hysteresis
40
100
300
mV
TOTD_TH
Overtemperature detection threshold
135
165
°C
VCLAMP_V
Maximum voltage to appear on
NC1/2 and NO1/2 pins during OVP
scenario
VCOM1/2 = 0 to 18 V
tRISE and tFALL(10% to 90 %) = 100 ns
RL = Open
Switch on or off
OE = 0 V
0
9.6
V
VCOM1/2 = 0 to 18 V
tRISE and tFALL(10% to 90 %) = 100 ns
RL = 50Ω
Switch on or off
OE = 0 V
0
9.0
V
tEN_OVP
OVP enable time
RPU = 10 kΩ to VCC (FLT)
CL = 35 pF
Refer to OVP Timing Diagram Figure
0.6
3
μs
tREC_OVP
OVP recovery time
RPU = 10 kΩ to VCC (FLT)
CL = 35 pF
Refer to OVP Timing Diagram Figure
1.5
5
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com