Electronic Components Datasheet Search
  English  ▼

X  

TMUX1072 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TMUX1072
Description  2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMUX1072 Datasheet(HTML) 1 Page - Texas Instruments

  TMUX1072 Datasheet HTML 1Page - Texas Instruments TMUX1072 Datasheet HTML 2Page - Texas Instruments TMUX1072 Datasheet HTML 3Page - Texas Instruments TMUX1072 Datasheet HTML 4Page - Texas Instruments TMUX1072 Datasheet HTML 5Page - Texas Instruments TMUX1072 Datasheet HTML 6Page - Texas Instruments TMUX1072 Datasheet HTML 7Page - Texas Instruments TMUX1072 Datasheet HTML 8Page - Texas Instruments TMUX1072 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
VCC
NC2
NO1
OVP
Logic
Control
GND
TMUX1072
NO2
SEL1
SEL2
OE
FLT
NC1
COM1
COM2
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for pre-production products; subject to
change without notice.
TMUX1072
SCDS382 – APRIL 2018
TMUX1072 2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
1
1 Features
1
•
Supply Range 2.3 V to 5.5 V
•
Powered Off Protection: I/O pins Hi-Z When VCC =
0 V
•
Overvoltage and Overtemperature detection
•
0-V to 20-V Overvoltage Protection (OVP) on
Common Pins
•
Low RON of 6 Ω
•
BW of 1.2 GHz Typical
•
CON of 4.5 pF Typical
•
Low Power Disable Mode
•
1.8-V Compatible Logic Inputs
•
ESD Protection Exceeds JESD22
–
2000-V Human Body Model (HBM)
•
Small 2.00mm x 1.70mm QFN Package available
2 Applications
•
Data Aquisition (DAQ)
•
Field Instrumentation
•
Video Surveillance
•
HVAC Systems
•
Rear Camera
3 Description
The TMUX1072 is a high-speed, 2-channel, 2:1,
analog switch with integrated overvoltage detection
and
powered
off
protection.
The
device
is
bidirectional and can be used as a 2:1 or 1:2 switch.
The protection on the I/O pins of the TMUX1072 can
tolerate up to 20 V with automatic shutoff circuitry to
protect system components behind the switch. This
protection is also used for power sequencing where
some boards in the system maybe powered up
before others are ready to receive signals. The
device also detects overvoltage and overtemperature
events and provides an open drain output signal
through the FLT pin.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TMUX1072
UQFN (12)
2.00 mm × 1.70 mm
VSSOP (10)
3.00 mm × 5.00 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematic


Similar Part No. - TMUX1072

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX1072 TI1-TMUX1072 Datasheet
388Kb / 21P
2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
TMUX1072 TI2-TMUX1072 Datasheet
937Kb / 30P
TMUX1072 2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
REVISED AUGUST 2019
TMUX1072DGSR TI1-TMUX1072DGSR Datasheet
388Kb / 21P
2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
TMUX1072DGSR TI2-TMUX1072DGSR Datasheet
937Kb / 30P
TMUX1072 2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
REVISED AUGUST 2019
TMUX1072DGSR.A TI2-TMUX1072DGSR.A Datasheet
937Kb / 30P
TMUX1072 2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
REVISED AUGUST 2019
More results

Similar Description - TMUX1072

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HS-508ARH-T INTERSIL-HS-508ARH-T Datasheet
72Kb / 3P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
1999 07
HS-508ARH INTERSIL-HS-508ARH Datasheet
85Kb / 4P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
1999 12
logo
NXP Semiconductors
74LVC1G3157 PHILIPS-74LVC1G3157 Datasheet
133Kb / 22P
2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Rev. 01-7 February 2005
logo
Linear Integrated Syste...
LS-508A LINEAR-LS-508A Datasheet
209Kb / 2P
Single 8-Channel CMOS Analog Multiplexer with active overvoltage protection
logo
NXP Semiconductors
74LVC2G53 PHILIPS-74LVC2G53 Datasheet
139Kb / 24P
2-channel analog multiplexer/demultiplexer
Rev. 02-31 March 2006
logo
Intersil Corporation
HS-508BRH INTERSIL-HS-508BRH_01 Datasheet
157Kb / 3P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
January 2001
HS-508BRH INTERSIL-HS-508BRH Datasheet
94Kb / 4P
Radiation Hardened 8 Channel CMOS Analog Multiplexer with Overvoltage Protection
August 11, 2009
logo
Maxim Integrated Produc...
MAX9396 MAXIM-MAX9396 Datasheet
168Kb / 13P
2:1 Multiplexer and 1:2 Demultiplexer with Loopback
Rev 0; 1/07
logo
Texas Instruments
TMUX1072 TI1-TMUX1072 Datasheet
388Kb / 21P
2-Channel 2:1 Analog Multiplexer with Overvoltage Detection and Protection
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
2-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com