Electronic Components Datasheet Search
  English  ▼

X  

AFT09S282N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # AFT09S282N
Description  N-Channel Enhancement-Mode Lateral MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09S282N Datasheet(HTML) 3 Page - NXP Semiconductors

  AFT09S282N Datasheet HTML 1Page - NXP Semiconductors AFT09S282N Datasheet HTML 2Page - NXP Semiconductors AFT09S282N Datasheet HTML 3Page - NXP Semiconductors AFT09S282N Datasheet HTML 4Page - NXP Semiconductors AFT09S282N Datasheet HTML 5Page - NXP Semiconductors AFT09S282N Datasheet HTML 6Page - NXP Semiconductors AFT09S282N Datasheet HTML 7Page - NXP Semiconductors AFT09S282N Datasheet HTML 8Page - NXP Semiconductors AFT09S282N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
AFT09S282NR3
3
RF Device Data
Freescale Semiconductor, Inc.
Table 5. Electrical Characteristics (TA =25°C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Functional Tests (1) (In Freescale Test Fixture, 50 ohm system) VDD =28 Vdc, IDQ = 1400 mA, Pout = 80 W Avg., f = 960 MHz,
Single--Carrier W--CDMA, IQ Magnitude Clipping, Input Signal PAR = 7.5 dB @ 0.01% Probability on CCDF. ACPR measured in 3.84 MHz
Channel Bandwidth @ ±5MHz Offset.
Power Gain
Gps
19.0
20.0
22.0
dB
Drain Efficiency
ηD
33.5
36.1
—
%
Output Peak--to--Average Ratio @ 0.01% Probability on CCDF
PAR
5.6
6.1
—
dB
Adjacent Channel Power Ratio
ACPR
—
--37.5
--36.0
dBc
Input Return Loss
IRL
—
--17
--10
dB
Load Mismatch (In Freescale Test Fixture, 50 ohm system) IDQ = 1400 mA, f = 940 MHz
VSWR 10:1 at 32 Vdc, 416 W CW Output Power
(3 dB Input Overdrive from 280 W CW Rated Power)
No Device Degradation
Typical Performance (In Freescale Test Fixture, 50 ohm system) VDD =28 Vdc, IDQ = 1400 mA, 920--960 MHz Bandwidth
Pout @ 1 dB Compression Point, CW
P1dB
—
280
—
W
VBW Resonance Point
(IMD Third Order Intermodulation Inflection Point)
VBWres
—
60
—
MHz
Gain Flatness in 40 MHz Bandwidth @ Pout =80 W Avg.
GF
—
0.1
—
dB
Gain Variation over Temperature
(--30°Cto+85°C)
∆G
—
0.0156
—
dB/°C
Output Power Variation over Temperature
(--30°Cto+85°C)
∆P1dB
—
0.006
—
dB/°C
1. Part internally matched both on input and output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com