Electronic Components Datasheet Search
  English  ▼

X  

AFT09S282N Datasheet(PDF) 8 Page - NXP Semiconductors

Part # AFT09S282N
Description  N-Channel Enhancement-Mode Lateral MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09S282N Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button AFT09S282N Datasheet HTML 4Page - NXP Semiconductors AFT09S282N Datasheet HTML 5Page - NXP Semiconductors AFT09S282N Datasheet HTML 6Page - NXP Semiconductors AFT09S282N Datasheet HTML 7Page - NXP Semiconductors AFT09S282N Datasheet HTML 8Page - NXP Semiconductors AFT09S282N Datasheet HTML 9Page - NXP Semiconductors AFT09S282N Datasheet HTML 10Page - NXP Semiconductors AFT09S282N Datasheet HTML 11Page - NXP Semiconductors AFT09S282N Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
RF Device Data
Freescale Semiconductor, Inc.
AFT09S282NR3
P1dB -- TYPICAL LOAD PULL CONTOURS — 940 MHz
34
5
06
7
2
1
34
5
06
7
2
1
--4.5
0
--0.5
--1.5
--1
--2
--2.5
--3.5
--4
--3
--4.5
0
--0.5
--1.5
--1
--2
--2.5
--3.5
--4
--3
--4.5
0
--0.5
--1.5
--1
--2
--2.5
--3.5
--4
--3
18
18.5
NOTE:
= Maximum Output Power
= Maximum Drain Efficiency
P
E
Figure 10. P1dB Load Pull Output Power Contours (dBm)
--4.5
REAL (Ω)
0
--0.5
--1.5
34
5
0
Figure 11. P1dB Load Pull Efficiency Contours (%)
REAL (Ω)
Figure 12. P1dB Load Pull Gain Contours (dB)
REAL (Ω)
Figure 13. P1dB Load Pull AM/PM Contours (°)
REAL (Ω)
--1
P
E
55
--2
--2.5
--3.5
--4
67
--3
2
1
50
52
54
56
58
60
62
64
66
18.5
19
19.5
20
20.5
21
21.5
22
34
5
06
7
2
1
--8
--10
--16
--18
--20
Power Gain
Drain Efficiency
Linearity
Output Power
P
E
P
E
P
E
54.5
54
--22
--24
55.5
--12
--14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com