Electronic Components Datasheet Search
  English  ▼

X  

AFT09S282N Datasheet(PDF) 6 Page - NXP Semiconductors

Part # AFT09S282N
Description  N-Channel Enhancement-Mode Lateral MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09S282N Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button AFT09S282N Datasheet HTML 2Page - NXP Semiconductors AFT09S282N Datasheet HTML 3Page - NXP Semiconductors AFT09S282N Datasheet HTML 4Page - NXP Semiconductors AFT09S282N Datasheet HTML 5Page - NXP Semiconductors AFT09S282N Datasheet HTML 6Page - NXP Semiconductors AFT09S282N Datasheet HTML 7Page - NXP Semiconductors AFT09S282N Datasheet HTML 8Page - NXP Semiconductors AFT09S282N Datasheet HTML 9Page - NXP Semiconductors AFT09S282N Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
RF Device Data
Freescale Semiconductor, Inc.
AFT09S282NR3
TYPICAL CHARACTERISTICS
1
Gps
ACPR
Pout, OUTPUT POWER (WATTS) AVG.
Figure 6. Single--Carrier W--CDMA Power Gain, Drain
Efficiency and ACPR versus Output Power
--10
--20
16
22
0
60
50
40
30
20
ηD
21
20
10
100
300
10
--60
19
18
17
0
--30
--40
--50
Figure 7. Broadband Frequency Response
11
23
f, FREQUENCY (MHz)
VDD =28 Vdc
Pin =0 dBm
IDQ = 1400 mA
19
17
15
21
13
700
800
900
1000
1100
1200
1300
1400
1500
--40
20
10
0
--10
--20
--30
Gain
960 MHz
VDD =28 Vdc,IDQ = 1400 mA
Single--Carrier W--CDMA, 3.84 MHz
Channel Bandwidth Input Signal
PAR = 7.5 dB @ 0.01%
Probability on CCDF
940 MHz
920 MHz
960 MHz
940 MHz
920 MHz
960 MHz
940 MHz 920 MHz
IRL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com