Electronic Components Datasheet Search
  English  ▼

X  

AFT09S282N Datasheet(PDF) 1 Page - NXP Semiconductors

Part # AFT09S282N
Description  N-Channel Enhancement-Mode Lateral MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09S282N Datasheet(HTML) 1 Page - NXP Semiconductors

  AFT09S282N Datasheet HTML 1Page - NXP Semiconductors AFT09S282N Datasheet HTML 2Page - NXP Semiconductors AFT09S282N Datasheet HTML 3Page - NXP Semiconductors AFT09S282N Datasheet HTML 4Page - NXP Semiconductors AFT09S282N Datasheet HTML 5Page - NXP Semiconductors AFT09S282N Datasheet HTML 6Page - NXP Semiconductors AFT09S282N Datasheet HTML 7Page - NXP Semiconductors AFT09S282N Datasheet HTML 8Page - NXP Semiconductors AFT09S282N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AFT09S282NR3
1
RF Device Data
Freescale Semiconductor, Inc.
RF Power LDMOS Transistor
N--Channel Enhancement--Mode Lateral MOSFET
This 80 watt RF power LDMOS transistor is designed for cellular base
station applications covering the frequency range of 720 to 960 MHz.
• Typical Single--Carrier W--CDMA Performance: VDD =28 Volts,
IDQ = 1400 mA, Pout = 80 Watts Avg., Input Signal PAR = 7.5 dB @ 0.01%
Probability on CCDF.
Frequency
Gps
(dB)
ηD
(%)
Output PAR
(dB)
ACPR
(dBc)
IRL
(dB)
920 MHz
20.0
35.9
6.3
--38.0
--14
940 MHz
20.1
36.2
6.2
--37.6
--18
960 MHz
20.0
36.1
6.1
--37.5
--17
Features
• Greater Negative Gate--Source Voltage Range for Improved Class C
Operation
• Designed for Digital Predistortion Error Correction Systems
• Optimized for Doherty Applications
• In Tape and Reel. R3 Suffix = 250 Units, 32 mm Tape Width, 13 inch Reel.
Document Number: AFT09S282N
Rev. 0, 10/2012
Freescale Semiconductor
Technical Data
720--960 MHz, 80 W AVG., 28 V
AFT09S282NR3
Figure 1. Pin Connections
(Top View)
RFout/VDS
21
RFin/VGS
OM--780--2
PLASTIC
© Freescale Semiconductor, Inc., 2012. All rights reserved.


Similar Part No. - AFT09S282N

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
AFT09S282NR3 FREESCALE-AFT09S282NR3 Datasheet
485Kb / 14P
RF Power LDMOS Transistor
More results

Similar Description - AFT09S282N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
A2T07H310-24S NXP-A2T07H310-24S Datasheet
763Kb / 24P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 6/2014
A2T14H450-23N NXP-A2T14H450-23N Datasheet
602Kb / 17P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 01/2017
A2T18H410-24S NXP-A2T18H410-24S Datasheet
589Kb / 16P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 5/2015
A2T18S260W12N NXP-A2T18S260W12N Datasheet
321Kb / 14P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 2/2016
A2T23H160-24S NXP-A2T23H160-24S Datasheet
455Kb / 16P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 11/2015
A2T23H200W23S NXP-A2T23H200W23S Datasheet
796Kb / 16P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 07/2017
A2T26H160-24S NXP-A2T26H160-24S Datasheet
604Kb / 17P
N--Channel Enhancement--Mode Lateral MOSFET
Rev. 0, 8/2014
A3T18H455W23S NXP-A3T18H455W23S Datasheet
504Kb / 17P
N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 09/2017
A3T21H360W23S NXP-A3T21H360W23S Datasheet
402Kb / 16P
N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 08/2017
AFT09S200W02S NXP-AFT09S200W02S Datasheet
526Kb / 13P
N-Channel Enhancement-Mode Lateral MOSFET
Rev. 0, 4/2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com