Electronic Components Datasheet Search
  English  ▼

X  

DS26334 Datasheet(PDF) 79 Page - Dallas Semiconductor

Part # DS26334
Description  3.3V, 16-Channel, E1/T1/J1 Short and Long-Haul Line Interface Unit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26334 Datasheet(HTML) 79 Page - Dallas Semiconductor

Back Button DS26334 Datasheet HTML 75Page - Dallas Semiconductor DS26334 Datasheet HTML 76Page - Dallas Semiconductor DS26334 Datasheet HTML 77Page - Dallas Semiconductor DS26334 Datasheet HTML 78Page - Dallas Semiconductor DS26334 Datasheet HTML 79Page - Dallas Semiconductor DS26334 Datasheet HTML 80Page - Dallas Semiconductor DS26334 Datasheet HTML 81Page - Dallas Semiconductor DS26334 Datasheet HTML 82Page - Dallas Semiconductor DS26334 Datasheet HTML 83Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 115 page
background image
DS26334 3.3V, 16-Channel, E1/T1/J1 Short/Long-Haul Line Interface Unit
79 of 115
Table 6-22. Clock A Select
CLKA3 TO CLKA0
CLKA (Hz)
0000
2.048M
0001
4.096M
0010
8.192M
0011
16.384M
0100
1.544M
0101
3.088M
0110
6.176M
0111
12.352M
1000
1.536M
1001
3.072M
1010
6.144M
1011
12.288M
1100
32k
1101
64k
1110
128k
1111
256k
Register Name:
RDULR
Register Description:
RCLK Disable Upon LOS Register
Register Address (LIUs 1-8):
16h
Bit #
7
6
5
4
3
2
1
0
Name
RDULR8
RDULR7
RDULR6
RDULR5
RDULR4
RDULR3
RDULR2
RDULR1
Default
0
0
0
0
0
0
0
0
Register Address (LIUs 9-16):
36h
Bit #
7
6
5
4
3
2
1
0
Name
RDULR16
RDULR15
RDULR14
RDULR13
RDULR12
RDULR11
RDULR10
RDULR9
Default
0
0
0
0
0
0
0
0
Bit 7 to 0: RCLK Disable Upon LOS Register n (RDULRn). When this bit is set the RCLK for channel n is
disabled upon a loss of signal and set as a low output. When reset or default RCLK will switch to MCLK upon a
loss of signal within 10ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com