Electronic Components Datasheet Search
  English  ▼

X  

DS26334 Datasheet(PDF) 86 Page - Dallas Semiconductor

Part # DS26334
Description  3.3V, 16-Channel, E1/T1/J1 Short and Long-Haul Line Interface Unit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26334 Datasheet(HTML) 86 Page - Dallas Semiconductor

Back Button DS26334 Datasheet HTML 82Page - Dallas Semiconductor DS26334 Datasheet HTML 83Page - Dallas Semiconductor DS26334 Datasheet HTML 84Page - Dallas Semiconductor DS26334 Datasheet HTML 85Page - Dallas Semiconductor DS26334 Datasheet HTML 86Page - Dallas Semiconductor DS26334 Datasheet HTML 87Page - Dallas Semiconductor DS26334 Datasheet HTML 88Page - Dallas Semiconductor DS26334 Datasheet HTML 89Page - Dallas Semiconductor DS26334 Datasheet HTML 90Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 115 page
background image
DS26334 3.3V, 16-Channel, E1/T1/J1 Short/Long-Haul Line Interface Unit
86 of 115
Register Name:
RBECR1
Register Description:
Receive Bit Error Count Register #1
Register Address (LIUs 1-8):
14h
Register Address (LIUs 9-16):
34h
Bit #
7
6
5
4
3
2
1
0
Name
BEC7
BEC6
BEC5
BEC4
BEC3
BEC2
BEC1
BEC0
Default
0
0
0
0
0
0
0
0
Register Name:
RBECR2
Register Description:
Receive Bit Error Count Register #1
Register Address (LIUs 1-8):
15h
Register Address (LIUs 9-16):
35h
Bit #
7
6
5
4
3
2
1
0
Name
BEC15
BEC14
BEC13
BEC12
BEC11
BEC10
BEC9
BEC8
Default
0
0
0
0
0
0
0
0
Register Name:
RBECR3
Register Description:
Receive Bit Error Count Register #2
Register Address (LIUs 1-8):
16h
Register Address (LIUs 9-16):
36h
Bit #
7
6
5
4
3
2
1
0
Name
BEC23
BEC22
BEC21
BEC20
BEC19
BEC18
BEC17
BEC16
Default
0
0
0
0
0
0
0
0
Bit Error Count (BEC[23:0]). These twenty-four bits indicate the number of bit errors detected in the incoming
data stream. This count stops incrementing when it reaches a count of FF FFFFh. The associated bit error counter
will not incremented when an OOS condition exists.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com