Electronic Components Datasheet Search
  English  ▼

X  

DS26334 Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS26334
Description  3.3V, 16-Channel, E1/T1/J1 Short and Long-Haul Line Interface Unit
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS26334 Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS26334 Datasheet HTML 17Page - Dallas Semiconductor DS26334 Datasheet HTML 18Page - Dallas Semiconductor DS26334 Datasheet HTML 19Page - Dallas Semiconductor DS26334 Datasheet HTML 20Page - Dallas Semiconductor DS26334 Datasheet HTML 21Page - Dallas Semiconductor DS26334 Datasheet HTML 22Page - Dallas Semiconductor DS26334 Datasheet HTML 23Page - Dallas Semiconductor DS26334 Datasheet HTML 24Page - Dallas Semiconductor DS26334 Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 115 page
background image
DS26334 3.3V, 16-Channel, E1/T1/J1 Short/Long-Haul Line Interface Unit
21 of 115
Figure 5-5. Pre-Scaler PLL and Clock Generator
Pre
Scaler
PLL
CLK
GEN
E1CLK
T1CLK
FREQS
MPS1..0
PLLE
RLCK9..16
PCLKS2..0
PCLKS2..0
PCLKI1..0
RLCK1..8
PLLE
CLKA3..0
CLKA
LOS16
RLOS16
CLKAE
LOS15
RLOS15
TECLKE
TECLK
TECLKS
MCLK
5.4 Transmitter
NRZ data arrives on TPOS and TNEG on the Transmit System Side. The TPOS and TNEG data is sampled on the
falling edge of TCLK.
The data is encoded with HDB3 or B8ZS or NRZ encoding when single-rail mode is selected (only TPOS as the
data source). When in single-rail mode only, BPV errors can be inserted for test purposes by register BEIR. Pre-
encoded data is expected when dual-rail mode is selected. The encoded data passes through a jitter attenuator if it
is enabled for the Transmit path. A digital sequencer and DAC are used to generate Transmit waveforms compliant
with T1.102 and G.703 Pulse Masks.
The line driver supports internal impedance matching for 75
W, 100W, 110W, and 120W modes.
The DS26334 drivers have short and open circuit driver fail monitor detection. There is an OE pin that can high
impedance the transmitter outputs for Protection Switching when low. The individual transmitters are by default in
high impedance. Register OE is used to enable the transmitters individually when the OE pin is high. The DS26334
has to have the transmitter’s enabled by setting the register and then pulling the OE pin high. The registers that
control the Transmitter operation are shown in Table 5-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com