Electronic Components Datasheet Search
  English  ▼

X  

G3F Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G3F
Description  International Standards for G3F Series, Same Profile as MY Power Relays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3F Datasheet(HTML) 1 Page - Omron Electronics LLC

  G3F Datasheet HTML 1Page - Omron Electronics LLC G3F Datasheet HTML 2Page - Omron Electronics LLC G3F Datasheet HTML 3Page - Omron Electronics LLC G3F Datasheet HTML 4Page - Omron Electronics LLC G3F Datasheet HTML 5Page - Omron Electronics LLC G3F Datasheet HTML 6Page - Omron Electronics LLC G3F Datasheet HTML 7Page - Omron Electronics LLC G3F Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
CSM_G3F_G3FD_DS_E_5_2
Solid State Relays G3
@-VD
G3F/G3FD
International Standards for G3F Series,
Same Profile as MY Power Relays
• Reduces wiring work by 60% when combined with the PFY-08-
PU Push-In Plus Socket (according to actual OMRON
measurements).
• Shape-compatible with mechanical relays.
• Certified by UL, CSA, and VDE (model numbers with a suffix of
“-VD”).
• Socket type, same size as MY Power Relays.
• Operation indicator provided to confirm input (model numbers
with “N” before the suffix).
Refer to Safety Precautions for All Solid State Relays
and Safety Precautions on page 7.
Note: The socket is optional.
For the most recent information on models that have been certified for
safety standards, refer to your OMRON website.
Model Number Structure
■ Model Number Legend
1. Basic Model Name
G3F:
Solid State Relay
2. Rated Load Power Supply Voltage
2:
200 VAC
3. Rated Load Current
02:
2 A
03:
3 A
4. Terminal Type
S:
Plug-in terminals
5. Zero Cross Function
Blank:
Equipped with zero cross functions
L:
Not equipped with zero cross function
6. Operation Indicator
Blank:
Not equipped with operation indicator
N:
Equipped with operation indicator
7. Certification
VD:
Certified by UL, CSA, and VDE
1. Basic Model Name
G3F:
Solid State Relay
2. Load Power Supply Type
D:
DC
3. Rated Load Power Supply Voltage
X:
50 VDC
1:
100 VDC
4. Rated Load Current
02:
2 A
03:
3 A
5. Terminal Type
S:
Plug-in terminals
6. Operation Indicator
Blank:
Not equipped with operation indicator
N:
Equipped with operation indicator
7. Certification
VD:
Certified by UL, CSA, and VDE
1
2 34 5 6
7
G3F-
@@@@@-@
1
2
34 5 6
7
G3FD-
@@@@-@


Similar Part No. - G3F

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3F-202SN-VD OMRON-G3F-202SN-VD Datasheet
538Kb / 7P
International Standards for G3F Series, Same Profile as MY Power Relays
G3F-203S-VD OMRON-G3F-203S-VD Datasheet
538Kb / 7P
International Standards for G3F Series, Same Profile as MY Power Relays
G3F-203SL-VD OMRON-G3F-203SL-VD Datasheet
538Kb / 7P
International Standards for G3F Series, Same Profile as MY Power Relays
G3F-203SLN-VD OMRON-G3F-203SLN-VD Datasheet
538Kb / 7P
International Standards for G3F Series, Same Profile as MY Power Relays
G3F-203SN-VD OMRON-G3F-203SN-VD Datasheet
538Kb / 7P
International Standards for G3F Series, Same Profile as MY Power Relays
More results

Similar Description - G3F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A41-25-10 ETC-A41-25-10 Datasheet
408Kb / 2P
International Standards at Lower Cost and Better Performance
logo
Rhombus Industries Inc.
T-61001 RHOMBUS-IND-T-61001 Datasheet
27Kb / 1P
Low Profile International Series Power Transformer
logo
Littelfuse
216.050P LITTELFUSE-216.050P Datasheet
218Kb / 2P
Designed to International Standards for use globally
logo
Tyco Electronics
T75S1D112-05 MACOM-T75S1D112-05 Datasheet
89Kb / 2P
Sensitive, Low Profile, Hi-Current Relay Designed to Meet International Standards
T77S1D10-24 MACOM-T77S1D10-24 Datasheet
89Kb / 2P
Sensitive, Low Profile, Hi-Current Relay Designed to Meet International Standards
logo
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
Compliant with European standards European standards power relays
logo
Omron Electronics LLC
G3F202SNAC100110 OMRON-G3F202SNAC100110 Datasheet
538Kb / 7P
International Standards for G3F Series, Same Profile as MY Power Relays
G3H203SLNDC24 OMRON-G3H203SLNDC24 Datasheet
372Kb / 6P
New Models with International Standards
logo
TE Connectivity Ltd
W28 TEC-W28 Datasheet
426Kb / 2P
Approved to many international standards
logo
Omron Electronics LLC
G3B OMRON-G3B Datasheet
408Kb / 5P
International Standards for G3B Series, Same Profile as MK Power Relays
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com