Electronic Components Datasheet Search
  English  ▼

X  

G3F Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # G3F
Description  International Standards for G3F Series, Same Profile as MY Power Relays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3F Datasheet(HTML) 2 Page - Omron Electronics LLC

  G3F Datasheet HTML 1Page - Omron Electronics LLC G3F Datasheet HTML 2Page - Omron Electronics LLC G3F Datasheet HTML 3Page - Omron Electronics LLC G3F Datasheet HTML 4Page - Omron Electronics LLC G3F Datasheet HTML 5Page - Omron Electronics LLC G3F Datasheet HTML 6Page - Omron Electronics LLC G3F Datasheet HTML 7Page - Omron Electronics LLC G3F Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
G3F/G3FD
2
Ordering Information
■ List of Models
Note: 1. Product is labelled “240 VAC”.
2. Product is labelled “48 VDC”.
3. When ordering, specify the rated input voltage.
■ Accessories (Order Separately)
Connection Sockets
Refer to Common Socket and DIN Track Products for details on Connection Sockets and DIN Track products (sold separately) of your OMRON
website.
Refer to PYF
@@-PU/P2RF-@@-PU for details on A Push-In Plus Terminal Block Socket of your OMRON website.
Isolation
Zero cross
function
Indicator
Rated output load
Rated input voltage
Model
Photocoupler
Yes
Yes
3 A at 100 to 240 VAC (See note 1.)
5 to 24 VDC
G3F-203SN-VD
2 A at 100 to 240 VAC (See note 1.)
100/110 VAC
G3F-202SN-VD
200/220 VAC
Phototriac coupler
No
3 A at 100 to 240 VAC (See note 1.)
5 VDC
G3F-203SLN-VD
12 VDC
24 VDC
Photocoupler
−
3 A at 4 to 48 VDC (See note 2.)
5 to 24 VDC
G3FD-X03SN-VD
2 A at 5 to 110 VDC
100/110 VAC
G3FD-102SN-VD
200/220 VAC
5 to 24 VDC
Photocoupler
Yes
No
3 A at 100 to 240 VAC (See note 1.)
4 to 24 VDC
G3F-203S-VD
Phototriac coupler
No
5 VDC
G3F-203SL-VD
12 VDC
24 VDC
Photocoupler
−
3 A at 4 to 48 VDC (See note 2.)
4 to 24 VDC
G3FD-X03S-VD
2 A at 5 to 110 VDC
G3FD-102S-VD
Classification
Terminal type
Appearance
Model
Front-mounting
Screw terminals
(finger protection structure)
PYF08A-E
Screw terminals
(finger protection structure)
PYF08A-N
Screw terminals
PYF08A
Push-In Plus terminal blocks
(Socket combination)
PYF-08-PU
Back-mounting
Relays with PCB Terminals
PY08-02



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com