Electronic Components Datasheet Search
  English  ▼

X  

G3F Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # G3F
Description  International Standards for G3F Series, Same Profile as MY Power Relays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3F Datasheet(HTML) 3 Page - Omron Electronics LLC

  G3F Datasheet HTML 1Page - Omron Electronics LLC G3F Datasheet HTML 2Page - Omron Electronics LLC G3F Datasheet HTML 3Page - Omron Electronics LLC G3F Datasheet HTML 4Page - Omron Electronics LLC G3F Datasheet HTML 5Page - Omron Electronics LLC G3F Datasheet HTML 6Page - Omron Electronics LLC G3F Datasheet HTML 7Page - Omron Electronics LLC G3F Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
G3F/G3FD
3
Hold-down Clips
* PYC-A1 is provided with two clips.
DIN Track Mounting Parts
Applicable Socket
Hold-down Clips
Classification
Terminal type
Model
Model *
For front-mounting
Screw terminals (finger protection structure)
PYF08A-E and PYF08A-N
PYC-A1
Screw terminals
PYF08A
For back-mounting
Relays with PCB Terminals
PY08-02
PYC-P
Classification/
division
Type
Appearance
Model
For front-mounting
DIN Tracks
Shallow type, total length: 1 m
PFP-100N
Shallow type, total length: 0.5 m
PFP-50N
Deep type, total length: 1 m
PFP-100N2
End Plate
PFP-M
Spacer
PFP-S



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com