Electronic Components Datasheet Search
  English  ▼

X  

G3F Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G3F
Description  International Standards for G3F Series, Same Profile as MY Power Relays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G3F Datasheet(HTML) 4 Page - Omron Electronics LLC

  G3F Datasheet HTML 1Page - Omron Electronics LLC G3F Datasheet HTML 2Page - Omron Electronics LLC G3F Datasheet HTML 3Page - Omron Electronics LLC G3F Datasheet HTML 4Page - Omron Electronics LLC G3F Datasheet HTML 5Page - Omron Electronics LLC G3F Datasheet HTML 6Page - Omron Electronics LLC G3F Datasheet HTML 7Page - Omron Electronics LLC G3F Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
G3F/G3FD
4
Specifications
■ Ratings (at an Ambient Temperature of 25°C)
Input
Note: 1. The input impedance is given for the maximum operating range. For details, refer to the Technical Guide for Solid State Relays.
2. Constant-current input circuit.
Output
Model
Rated voltage
Operating voltage
Impedance
Voltage level
Must operate voltage
Must release voltage
G3F-203SN-VD
5 to 24 VDC
4 to 28 VDC
15 mA max. (See note.) 4 VDC max.
1 VDC min.
G3F-202SN-VD
100/110 VAC
75 to 125 VAC
41 k
Ω±20%
75 VAC max.
20 VAC min.
200/220 VAC
150 to 250 VAC
72 k
Ω±20%
150 VAC max.
40 VAC min.
G3F-203SLN-VD
5 VDC
4 to 6 VDC
390
Ω±20%
4 VDC max.
1 VDC min.
12 VDC
9.6 to 14.4 VDC
900
Ω±20%
9.6 VDC max.
24 VDC
19.2 to 28.8 VDC
2 k
Ω±20%
19.2 VDC max.
G3FD-X03SN-VD
5 to 24 VDC
4 to 28 VDC
1.5 k
Ω+20%/–10%
4 VDC max.
G3FD-102SN-VD
5 to 24 VDC
4 to 28 VDC
1.5 k
Ω+20%/–10%
4 VDC max.
100/110 VAC
75 to 125 VAC
41 k
Ω±20%
75 VAC max.
20 VAC min.
200/220 VAC
150 to 250 VAC
72 k
Ω±20%
150 VAC max.
40 VAC min.
G3F-203S-VD
4 to 24 VDC
3 to 28 VDC
15 mA max. (See note.) 3 VDC max.
1 VDC min.
G3F-203SL-VD
5 VDC
4 to 6 VDC
390
Ω±20%
4 VDC max.
12 VDC
9.6 to 14.4 VDC
900
Ω±20%
9.6 VDC max.
24 VDC
19.2 to 28.8 VDC
2 k
Ω±20%
19.2 VDC max.
G3FD-X03S-VD
4 to 24 VDC
3 to 28 VDC
1.5 k
Ω+20%/–10%
3 VDC max.
G3FD-102S-VD
Model
Rated load
voltage
Applicable load
Load voltage range
Load current
Inrush current
G3F-203SN-VD
G3F-203SLN-VD
G3F-203S-VD
G3F-203SL-VD
100 to 240 VAC
75 to 264 VAC
0.1 to 3 A at 40
°C
45 A (60 Hz, 1 cycle)
G3F-203SN-VD
100 to 240 VAC
75 to 264 VAC
0.1 to 2 A at 40
°C
45 A (60 Hz, 1 cycle)
G3FD-X03SN-VD
G3FD-X03S-VD
4 to 48 VDC
3 to 52.8 VDC
0.1 to 3 A at 40
°C
18 A (10 ms)
G3FD-102SN-VD
G3FD-102S-VD
5 to 110 VDC
3 to 125 VDC
0.1 to 2 A at 40
°C
10 A (10 ms)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com