Electronic Components Datasheet Search
  English  ▼

X  

MMRF1004N Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MMRF1004N
Description  RF Power Field Effect Transistors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1004N Datasheet(HTML) 1 Page - NXP Semiconductors

  MMRF1004N Datasheet HTML 1Page - NXP Semiconductors MMRF1004N Datasheet HTML 2Page - NXP Semiconductors MMRF1004N Datasheet HTML 3Page - NXP Semiconductors MMRF1004N Datasheet HTML 4Page - NXP Semiconductors MMRF1004N Datasheet HTML 5Page - NXP Semiconductors MMRF1004N Datasheet HTML 6Page - NXP Semiconductors MMRF1004N Datasheet HTML 7Page - NXP Semiconductors MMRF1004N Datasheet HTML 8Page - NXP Semiconductors MMRF1004N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
1
RF Device Data
Freescale Semiconductor
RF Power Field Effect Transistors
N--Channel Enhancement--Mode Lateral MOSFETs
Designed for Class A or Class AB general purpose applications with
frequencies from 1600 to 2200 MHz. Suitable for analog and digital modulation
and multipurpose amplifier applications.
 Typical Two--Tone Performance @ 2170 MHz: VDD =28 Vdc,IDQ =
130 mA, Pout = 10 W PEP
Power Gain — 15.5 dB
Drain Efficiency — 36%
IMD — --34 dBc
 Typical 2--Carrier W--CDMA Performance: VDD =28 Vdc,IDQ = 130 mA,
Pout = 1 W Avg., Full Frequency Band (2130--2170 MHz), Channel
Bandwidth = 3.84 MHz. PAR = 8.5 dB @ 0.01% Probability
Power Gain — 15.5 dB
Drain Efficiency — 15%
IM3 @ 10 MHz Offset — --47 dBc in 3.84 MHz Channel Bandwidth
ACPR @ 5 MHz Offset — --49 dBc in 3.84 MHz Channel Bandwidth
 Typical Single--Carrier N--CDMA Performance: VDD =28 Vdc,IDQ =
130 mA, Pout = 1 W Avg., Full Frequency Band (1930--1990 MHz), IS--95
(Pilot, Sync, Paging, Traffic Codes 8 through 13), Channel Bandwidth =
1.2288 MHz. PAR = 9.8 dB @ 0.01% Probability on CCDF.
Power Gain — 15.5 dB
Drain Efficiency — 16%
ACPR @ 885 kHz Offset = --60 dBc in 30 kHz Bandwidth
 Typical GSM EDGE Performance: VDD =28 Vdc,IDQ = 130 mA, Pout =
4 W Avg., Full Frequency Band (1805--1880 MHz)
Power Gain — 16 dB
Drain Efficiency — 33%
EVM — 1.3% rms
 Capable of Handling 5:1 VSWR, @ 28 Vdc, 2000 MHz, 10 W CW
Output Power
Features
 Characterized with Series Equivalent Large--Signal Impedance Parameters
 Internally Matched for Ease of Use
 Qualified Up to a Maximum of 32 VDD Operation
 Integrated ESD Protection
 225C Capable Plastic Package
 In Tape and Reel. R1 Suffix = 500 Units, 24 mm Tape Width, 13--inch Reel.
Document Number: MMRF1004N
Rev. 1, 1/2014
Freescale Semiconductor
Technical Data
(Top View)
Drain
21
Gate
1600--2200 MHz, 10 W, 28 V
GSM, GSM EDGE
SINGLE N--CDMA
2xW--CDMA
LATERAL N--CHANNEL
RF POWER MOSFETs
MMRF1004NR1
MMRF1004GNR1
TO--270--2
PLASTIC
MMRF1004NR1
TO--270G--2
PLASTIC
MMRF1004GNR1
Figure 1. Pin Connections
Note: The backside of the package is the
source terminal for the transistor.
 Freescale Semiconductor, Inc., 2013--2014. All rights reserved.


Similar Part No. - MMRF1004N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMRF1005H NXP-MMRF1005H Datasheet
818Kb / 15P
RF Power Field Effect Transistors
Rev. 1, 4/2015
MMRF1005HR5 NXP-MMRF1005HR5 Datasheet
818Kb / 15P
RF Power Field Effect Transistors
Rev. 1, 4/2015
MMRF1005HSR5 NXP-MMRF1005HSR5 Datasheet
818Kb / 15P
RF Power Field Effect Transistors
Rev. 1, 4/2015
MMRF1006H NXP-MMRF1006H Datasheet
754Kb / 13P
RF Power Field Effect Transistors
Rev. 1, 11/2015
MMRF1006HR5 NXP-MMRF1006HR5 Datasheet
754Kb / 13P
RF Power Field Effect Transistors
Rev. 1, 11/2015
More results

Similar Description - MMRF1004N

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
RF Power Field Effect Transistors
MRF6S9060MR1 FREESCALE-MRF6S9060MR1 Datasheet
630Kb / 16P
RF Power Field Effect Transistors
MRF6S27050HR3 FREESCALE-MRF6S27050HR3 Datasheet
463Kb / 12P
RF Power Field Effect Transistors
MRF18060ALR3 FREESCALE-MRF18060ALR3 Datasheet
393Kb / 12P
RF Power Field Effect Transistors
MRF284LR1 FREESCALE-MRF284LR1 Datasheet
376Kb / 12P
RF Power Field Effect Transistors
MRF21010LR1 FREESCALE-MRF21010LR1_06 Datasheet
383Kb / 8P
RF Power Field Effect Transistors
MRF21125R3 FREESCALE-MRF21125R3 Datasheet
427Kb / 12P
RF Power Field Effect Transistors
MRF6V2300NBR1 FREESCALE-MRF6V2300NBR1 Datasheet
687Kb / 19P
RF Power Field Effect Transistors
MRF6V14300HR3 FREESCALE-MRF6V14300HR3 Datasheet
401Kb / 10P
RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com