Electronic Components Datasheet Search
  English  ▼

X  

MMRF1004N Datasheet(PDF) 13 Page - NXP Semiconductors

Part # MMRF1004N
Description  RF Power Field Effect Transistors
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1004N Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button MMRF1004N Datasheet HTML 9Page - NXP Semiconductors MMRF1004N Datasheet HTML 10Page - NXP Semiconductors MMRF1004N Datasheet HTML 11Page - NXP Semiconductors MMRF1004N Datasheet HTML 12Page - NXP Semiconductors MMRF1004N Datasheet HTML 13Page - NXP Semiconductors MMRF1004N Datasheet HTML 14Page - NXP Semiconductors MMRF1004N Datasheet HTML 15Page - NXP Semiconductors MMRF1004N Datasheet HTML 16Page - NXP Semiconductors MMRF1004N Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
MMRF1004NR1 MMRF1004GNR1
13
RF Device Data
Freescale Semiconductor
N--CDMA TEST SIGNAL
10
0.0001
100
0
PEAK--TO--AVERAGE (dB)
Figure 22. Single--Carrier CCDF N--CDMA
10
1
0.1
0.01
0.001
24
6
8
IS--95 CDMA (Pilot, Sync, Paging, Traffic Codes 8
Through 13) 1.2288 MHz Channel Bandwidth
Carriers. ACPR Measured in 30 kHz Bandwidth @
885 kHz Offset. PAR = 9.8 dB @ 0.01% Probability
on CCDF.
.................
.......
.................
. ..................
.........
......
.
.....
..
.
..
...
...... .
......................................
. ..
..
. .
. ...
.
..........
...............................
.............
..........
....
. ............................
.............
..
....... ...........................
.
.. .
.. .........
....
.......
...
..............
.
.............
. .................... .
.... .
..
. .
................... .
.. ..
..
. ..
.. ..
.. ....
....
. ..
....... .. ..
. ..
. .
. ...
..........
.......
. .
..
. .
...
..
. .
..
..
....
...
....
...
. ... .
.
..
.........
.. .
..
..
.............
...
......
....
.....
........
...
.................
................
....
. ......
. ....
.
..
. ....
....
....
.. ..
..
.. .
.
...............
.....
... .
. .
.... .
...
............
..................
....
......
. .
.............................. ......
.
..
...................
..........
...........
.............
. .....
....
...................
.....
..
.....
....
...................
.... .......
.. .........
.........
. ...
. .........
....
.
....
..
...
.
..
..
..
...
.
..
..
...
.
. .
....
..
.....
...
..... ..
......
. .
.. .
....
. ....
...
.......
. .....
.. ..
.............
. .
...
.. ......
.......
.
....
............
.
.
..
.
.
...
.
......
.
.........
...
.
. .
..
.
.........
.
... .
.
.... ..
.
..
..
.
...
........
......
.....
..
............
......
..........
..
..
.
--60
--110
--10
--20
--30
--40
--50
--70
--80
--90
--100
+ACPRin30kHz
Integrated BW
1.2288 MHz
Channel BW
2.9
0.7
2.2
1.5
0
--0.7
--1.5
--2.2
--2.9
--3.6
3.6
f, FREQUENCY (MHz)
Figure 23. Single--Carrier N--CDMA Spectrum
--ACPR in 30 kHz
Integrated BW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com