Electronic Components Datasheet Search
  English  ▼

X  

APA3175 Datasheet(PDF) 13 Page - Anpec Electronics Coropration

Part # APA3175
Description  20W Stereo Digital Class-D Audio Power Amplifier with EQ and DRC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA3175 Datasheet(HTML) 13 Page - Anpec Electronics Coropration

Back Button APA3175 Datasheet HTML 9Page - Anpec Electronics Coropration APA3175 Datasheet HTML 10Page - Anpec Electronics Coropration APA3175 Datasheet HTML 11Page - Anpec Electronics Coropration APA3175 Datasheet HTML 12Page - Anpec Electronics Coropration APA3175 Datasheet HTML 13Page - Anpec Electronics Coropration APA3175 Datasheet HTML 14Page - Anpec Electronics Coropration APA3175 Datasheet HTML 15Page - Anpec Electronics Coropration APA3175 Datasheet HTML 16Page - Anpec Electronics Coropration APA3175 Datasheet HTML 17Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Aug., 2016
www.anpec.com.tw
13
APA3175
Function Description
Clock And PLL
The APA3175 is a slave device and receives signals from MCLK, SCLK, and LRCLK. The digital audio processor
(DAP) provides all sample rates and MCLK rates which defined in the clock control register.
The APA3175 checks to verify that SCLK is a particular value of 32f
S, 48fS, or 64fS. The DAP only provides a 1×fS LRCLK.
The timing relationship of these clocks to SDIN is shown in subsequent sections.
Serial Data Interface
Serial data is an input transmitted to SDIN. The PWM outputs are derived from SDIN. Besides, the APA3175 DAP
receives left-justified, right-justified, and I2S serial data formats with 16, 20, or 24 bit.
PWM Section
The APA3175 DAP device is a high power efficiency and high-performance digital audio reproduction. A noise shaper
is used to increase dynamic range and SNR in the audio band. The PWM section receives 24bit PCM data from the
DAP and outputs two BTL PWM audio output channels.
The PWM section has individual channel dc blocking filters that can be enabled and disabled. The low pass filter cutoff
frequency is less than 1Hz. Besides, the PWM section includes individual channel de-emphasis filters for 44.1 and 48
kHz and can be enabled and disabled.
The adjustable maximum modulation limit of PWM section is from 93.8% to 98.4%.
I2C Compatible Serial Control Interface
The APA3175 DAP receives commands from a system controller through an I2C serial control slave interface. The
serial control interface supports both normal-speed 100kHz and high-speed 400kHz operations without waiting
states. As an added feature, even though the MCLK is absent, the interface operates.
For status registers, the serial control interface provides both single-byte and multi-byte read and write operations;
and for the general control registers, they associated with the PWM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com