Electronic Components Datasheet Search
  English  ▼

X  

APA3175 Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APA3175
Description  20W Stereo Digital Class-D Audio Power Amplifier with EQ and DRC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA3175 Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APA3175 Datasheet HTML 1Page - Anpec Electronics Coropration APA3175 Datasheet HTML 2Page - Anpec Electronics Coropration APA3175 Datasheet HTML 3Page - Anpec Electronics Coropration APA3175 Datasheet HTML 4Page - Anpec Electronics Coropration APA3175 Datasheet HTML 5Page - Anpec Electronics Coropration APA3175 Datasheet HTML 6Page - Anpec Electronics Coropration APA3175 Datasheet HTML 7Page - Anpec Electronics Coropration APA3175 Datasheet HTML 8Page - Anpec Electronics Coropration APA3175 Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Aug., 2016
www.anpec.com.tw
2
APA3175
Symbol
Parameter
Rating
Unit
Supply Voltage (PVDD_X to PGND_XX)
-0.3 to 26
Supply Voltage (DVDD to DVSS)
-0.3 to 3.6
Supply Voltage (AVDD to AVSS)
-0.3 to 3.6
Input Voltage (MCLK to AVSS)
-0.5 to AVDD+2.5
Input Voltage (SD, RST, LRCLK, SCLK, SDIN, SDA, SCL to DVSS)
-0.5 to DVDD+2.5
Input Voltage (OUT_X to PGND_XX)
-0.3 to +26
Input Voltage (XBS to PGND_XX)
-0.3 to +31
Input Voltage (AVSS, DVSS, AGND to PGND_XX)
-0.3 to +0.3
V
TJ
Maximum Junction Temperature
150
οC
TSTG
Storage Temperature Range
-65 to +150
οC
TSDR
Soldering Temperature Range, 10 seconds
260
οC
PD
Power Dissipation
Internally Limited
W
Ordering and Marking Information
Absolute Maximum Ratings (Note 1)
Note1: Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recom-
mended operating conditions" is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
Note : ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines
“Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Resistance in Free Air
(Note 2)
TQFP7x7-48P
25
°C/W
θ
JC
Thermal Resistance Junction-to-Case
(Note 3)
TQFP7x7-48P
3
°C/W
Thermal Characteristics
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. The exposed pad
of TQFP7X7-48P is soldered directly on the PCB.
Note 3: The case temperature is measured at the center of the exposed pad on the underside of the TQFP7X7-48P package.
Handling Code
Temperature Range
Package Code
Package Code
QCA : TQFP7x7-48P
Operating Ambient Temperature Range
I : -40 to 85
oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
APA3175 QCA :
APA3175
XXXXX
XXXXX - Date Code
Assembly Material
APA3175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com