Electronic Components Datasheet Search
  English  ▼

X  

APA3175 Datasheet(PDF) 39 Page - Anpec Electronics Coropration

Part # APA3175
Description  20W Stereo Digital Class-D Audio Power Amplifier with EQ and DRC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA3175 Datasheet(HTML) 39 Page - Anpec Electronics Coropration

Back Button APA3175 Datasheet HTML 35Page - Anpec Electronics Coropration APA3175 Datasheet HTML 36Page - Anpec Electronics Coropration APA3175 Datasheet HTML 37Page - Anpec Electronics Coropration APA3175 Datasheet HTML 38Page - Anpec Electronics Coropration APA3175 Datasheet HTML 39Page - Anpec Electronics Coropration APA3175 Datasheet HTML 40Page - Anpec Electronics Coropration APA3175 Datasheet HTML 41Page - Anpec Electronics Coropration APA3175 Datasheet HTML 42Page - Anpec Electronics Coropration APA3175 Datasheet HTML 43Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Aug., 2016
www.anpec.com.tw
39
APA3175
Application Information(Cont.)
Layout Recommendation
0.28mm
Via diameter
=0.3mm X16
Ground plane
for
ThermalPAD
1.7mm
5.5mm
Exposed for
thermal PAD
connected
5.0mm
0.5mm
TQFP7X7-48 Land Pattern Recommendation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com