Electronic Components Datasheet Search
  English  ▼

X  

APA3175 Datasheet(PDF) 21 Page - Anpec Electronics Coropration

Part # APA3175
Description  20W Stereo Digital Class-D Audio Power Amplifier with EQ and DRC
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APA3175 Datasheet(HTML) 21 Page - Anpec Electronics Coropration

Back Button APA3175 Datasheet HTML 17Page - Anpec Electronics Coropration APA3175 Datasheet HTML 18Page - Anpec Electronics Coropration APA3175 Datasheet HTML 19Page - Anpec Electronics Coropration APA3175 Datasheet HTML 20Page - Anpec Electronics Coropration APA3175 Datasheet HTML 21Page - Anpec Electronics Coropration APA3175 Datasheet HTML 22Page - Anpec Electronics Coropration APA3175 Datasheet HTML 23Page - Anpec Electronics Coropration APA3175 Datasheet HTML 24Page - Anpec Electronics Coropration APA3175 Datasheet HTML 25Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.3 - Aug., 2016
www.anpec.com.tw
21
APA3175
Function Description (Cont.)
26Bit 3.23 Number Format
All mixer gain coefficients are 26 bit coefficients and use a 3.23 number format. Numbers formatted as 3.23 numbers
means that there are 3 bits to the left of the decimal point and 23 bits to the right of the decimal point. This is shown
in Figure 18.
Figure 18. 3.23 Format
The decimal value of a 3.23 format number can be found by following the weighting and is shown in Figure 18. If the
MSB is logic 0, the number is a positive number, and the weighting shown yields the correct number. If the MSB is a
logic 1, and then the number is a negative number. In this case, every bit must be inverted, a 1 added to the result, and
then the weighting shown in Figure 19 applied to obtain the magnitude of the negative number.
Figure 19. Conversion Weighting Facroes 3.23 Format to Floating Point
Gain coefficients, entered via the I2C bus, must be entered as 32 bit binary numbers. The format of the 32 bit number
(4 byte or 8 digit hexadecimal number) is shown in Figure 20.
Figure 20. Alignment of 3.23 Coefficient in 32Bit I2C Word
2-23 Bit
20 Bit
21 Bit
2-1 Bit
2-4 Bit
(1 or 0) x21+
(1 or 0) x20+
(1 or 0) x2-1+
(1 or 0) x2-4+
(1 or 0) x2-23
S_xx.xxxx_xxxx_xxxx_xxxx_xxxx_xxx
2-23 Bit
2-5 Bit
2-1 Bit
20 Bit
21 Bit
Sign Bit
u
u
u
u
u
u S
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
x
0
Fraction
Digit 6
Fraction
Digit 5
Fraction
Digit 4
Fraction
Digit 2
Fraction
Digit 3
Fraction
Digit 1
Integer
Digit 1
Sign Bit
Coefficient
digit 8
Coefficient
digit 7
Coefficient
digit 6
Coefficient
digit 5
Coefficient
digit 4
Coefficient
digit 3
Coefficient
digit 2
Coefficient
digit 1
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com