Electronic Components Datasheet Search
  English  ▼

X  

M41T63 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M41T63
Description  Serial Access Real-Time Clock with Alarms
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T63 Datasheet(HTML) 1 Page - STMicroelectronics

  M41T63 Datasheet HTML 1Page - STMicroelectronics M41T63 Datasheet HTML 2Page - STMicroelectronics M41T63 Datasheet HTML 3Page - STMicroelectronics M41T63 Datasheet HTML 4Page - STMicroelectronics M41T63 Datasheet HTML 5Page - STMicroelectronics M41T63 Datasheet HTML 6Page - STMicroelectronics M41T63 Datasheet HTML 7Page - STMicroelectronics M41T63 Datasheet HTML 8Page - STMicroelectronics M41T63 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1/33
May 2005
M41T62, M41T63
M41T64, M41T65
Serial Access Real-Time Clock with Alarms
FEATURES SUMMARY
■
350nA TIMEKEEPING CURRENT @ 3V
■
TIMEKEEPING DOWN TO 1.0V
■
1.3V TO 3.6V I2C BUS OPERATING
VOLTAGE
■
COUNTERS FOR TENTHS/HUNDREDTHS
OF SECONDS, SECONDS, MINUTES,
HOURS, DAY, DATE, MONTH, YEAR, AND
CENTURY
■
SERIAL INTERFACE SUPPORTS I2C BUS
(400kHz)
■
PROGRAMMABLE ALARM WITH FLAG BIT
ONLY (M41T63/64)
■
PROGRAMMABLE ALARM WITH FLAG BIT
AND INTERRUPT FUNCTION (M41T62/65)
■
LOW OPERATING CURRENT OF 35µA
■
SOFTWARE CLOCK CALIBRATION
■
OSCILLATOR STOP DETECTION
■
32KHz SQUARE WAVE ON POWER-UP
(M41T62/63/64)
■
WATCHDOG TIMER
■
WATCHDOG OUTPUT (M41T63/65)
■
AUTOMATIC LEAP YEAR COMPENSATION
■
OPERATING TEMPERATURE OF –40 TO
85°C
■
LEAD-FREE 16-PIN QFN PACKAGE
■
TOTAL SURFACE AREA OF IC AND 32KHz
CRYSTAL IS 21.5mm2
Figure 1. Package
Figure 2. 32KHz Crystal + QFN16 vs. VSOJ20
Table 1. Device Options
QFN16 (Q)
3mm x 3mm
1
XI
2
XO
3
4
AI11107
ST QFN16
SMT
CRYSTAL
VSOJ20 (47.6mm2)
Guard Ring
(21.5mm2)
GND Plane
Basic RTC
Alarms
OSC Fail
Detect
Watchdog
Timer
Calibration
SQW
Output
IRQ
Output
WDO
Output
F32K
Output
M41T62
✔✔
✔
✔
✔
✔
✔
M41T63
✔✔
✔
✔
✔
✔
✔
M41T64
✔✔
✔
✔
✔
✔
✔
M41T65
✔✔
✔
✔
✔
✔
✔


Similar Part No. - M41T63

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T63 STMICROELECTRONICS-M41T63 Datasheet
314Kb / 40P
Serial Access Real-Time Clock with Alarms
22-Aug-2006
M41T63 STMICROELECTRONICS-M41T63 Datasheet
695Kb / 41P
Serial real-time clocks with alarm
25-May-2010
M41T63 STMICROELECTRONICS-M41T63 Datasheet
878Kb / 44P
Serial real-time clocks (RTCs) with alarm
01-Dec-2011
M41T63Q6F STMICROELECTRONICS-M41T63Q6F Datasheet
314Kb / 40P
Serial Access Real-Time Clock with Alarms
22-Aug-2006
M41T63Q6F STMICROELECTRONICS-M41T63Q6F Datasheet
695Kb / 41P
Serial real-time clocks with alarm
25-May-2010
More results

Similar Description - M41T63

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M41T81 STMICROELECTRONICS-M41T81 Datasheet
389Kb / 27P
Serial Access Real-Time Clock with Alarms
Rev. 2.0
M41T81S STMICROELECTRONICS-M41T81S Datasheet
438Kb / 29P
Serial Access Real-Time Clock with Alarms
22-Jan-2004
M41T50 STMICROELECTRONICS-M41T50 Datasheet
288Kb / 23P
Serial Access Digital Input Real-Time Clock with Alarms
12-Dec-2003
M41T62 STMICROELECTRONICS-M41T62_06 Datasheet
314Kb / 40P
Serial Access Real-Time Clock with Alarms
22-Aug-2006
M41T00S STMICROELECTRONICS-M41T00S_08 Datasheet
227Kb / 26P
Serial access real-time clock
14-May-2008
M41T81S STMICROELECTRONICS-M41T81S_07 Datasheet
282Kb / 31P
Serial access real-time clock with alarms
22-Jan-2007
M41T60 STMICROELECTRONICS-M41T60_10 Datasheet
498Kb / 27P
Serial access real-time clock
29-Apr-2010
M41T66 STMICROELECTRONICS-M41T66 Datasheet
342Kb / 33P
Serial access real-time clock with alarms
22-Oct-2008
M41T66 STMICROELECTRONICS-M41T66_11 Datasheet
417Kb / 34P
Serial real-time clock with alarms
25-Oct-2011
M41T81S STMICROELECTRONICS-M41T81S_12 Datasheet
507Kb / 32P
Serial access real-time clock (RTC) with alarms
16-May-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com