Electronic Components Datasheet Search
  English  ▼

X  

M41T63 Datasheet(PDF) 31 Page - STMicroelectronics

Part # M41T63
Description  Serial Access Real-Time Clock with Alarms
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T63 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M41T63 Datasheet HTML 25Page - STMicroelectronics M41T63 Datasheet HTML 26Page - STMicroelectronics M41T63 Datasheet HTML 27Page - STMicroelectronics M41T63 Datasheet HTML 28Page - STMicroelectronics M41T63 Datasheet HTML 29Page - STMicroelectronics M41T63 Datasheet HTML 30Page - STMicroelectronics M41T63 Datasheet HTML 31Page - STMicroelectronics M41T63 Datasheet HTML 32Page - STMicroelectronics M41T63 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
31/33
M41T62/63/64/65
PART NUMBERING
Table 19. Ordering Information Scheme
For other options, or for more information on any aspect of this device, please contact the ST Sales Office
nearest you.
Example:
M41T
62
Q
6
F
Device Family
M41T
Device Type and Supply Voltage
62 = VCC = 1.3V to 3.6V
63 = VCC = 1.3V to 3.6V
64 = VCC = 1.3V to 3.6V
65 = VCC = 1.3V to 3.6V
Package
Q = QFN16
Temperature Range
6 = –40°C to 85°C
Shipping Method for SOIC
F = Lead-free Package, Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com