Electronic Components Datasheet Search
  English  ▼

X  

M41T63 Datasheet(PDF) 22 Page - STMicroelectronics

Part # M41T63
Description  Serial Access Real-Time Clock with Alarms
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T63 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M41T63 Datasheet HTML 18Page - STMicroelectronics M41T63 Datasheet HTML 19Page - STMicroelectronics M41T63 Datasheet HTML 20Page - STMicroelectronics M41T63 Datasheet HTML 21Page - STMicroelectronics M41T63 Datasheet HTML 22Page - STMicroelectronics M41T63 Datasheet HTML 23Page - STMicroelectronics M41T63 Datasheet HTML 24Page - STMicroelectronics M41T63 Datasheet HTML 25Page - STMicroelectronics M41T63 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
M41T62/63/64/65
22/33
Square Wave Output (M41T62/63/64)
The M41T62/63/64 offers the user a programma-
ble square wave function which is output on the
SQW pin. RS3-RS0 bits located in 04h establish
the square wave output frequency. These fre-
quencies are listed in Table 8. Once the selection
of the SQW frequency has been completed, the
SQW pin can be turned on and off under software
control with the Square Wave Enable Bit (SQWE)
located in Register 0Ah.
The SQW output is an N-channel, open drain out-
put driver for the M41T64, and a full CMOS output
driver for the M41T62/63. The initial power-up de-
fault for the SQW output is 32KHz (except for
M41T64, which defaults disabled).
Table 8. Square Wave Output Frequency
Full-time 32KHz Square Wave Output (M41T64)
The M41T64 offers the user a special 32KHz
square wave function which is enabled on power-
up to output on the F32K pin as long as VCC ≥ 1.3V,
and the oscillator is running (ST Bit = '0'). This
function is available within one second (typ) of ini-
tial power-up and can only be disabled by setting
the 32KE Bit to '0' or the ST Bit to '1.' If not used,
the F32K pin should be disconnected and allowed
to float.
Square Wave Bits
Square Wave
RS3
RS2
RS1
RS0
Frequency
Units
00
00
None
–
0
0
0
1
32.768
kHz
00
10
8.192
kHz
00
11
4.096
kHz
01
00
2.048
kHz
01
01
1.024
kHz
01
10
512
Hz
01
11
256
Hz
10
00
128
Hz
10
01
64
Hz
10
10
32
Hz
10
11
16
Hz
11
008
Hz
11
014
Hz
11
102
Hz
11
111
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com