Electronic Components Datasheet Search
  English  ▼

X  

M41T63 Datasheet(PDF) 20 Page - STMicroelectronics

Part # M41T63
Description  Serial Access Real-Time Clock with Alarms
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T63 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M41T63 Datasheet HTML 16Page - STMicroelectronics M41T63 Datasheet HTML 17Page - STMicroelectronics M41T63 Datasheet HTML 18Page - STMicroelectronics M41T63 Datasheet HTML 19Page - STMicroelectronics M41T63 Datasheet HTML 20Page - STMicroelectronics M41T63 Datasheet HTML 21Page - STMicroelectronics M41T63 Datasheet HTML 22Page - STMicroelectronics M41T63 Datasheet HTML 23Page - STMicroelectronics M41T63 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
M41T62/63/64/65
20/33
Setting Alarm Clock Registers
Address locations 0Ah-0Eh contain the alarm set-
tings. The alarm can be configured to go off at a
prescribed time on a specific month, date, hour,
minute, or second, or repeat every year, month,
day, hour, minute, or second. Bits RPT5–RPT1
put the alarm in the repeat mode of operation. Ta-
ble 7., page 20 shows the possible configurations.
Codes not listed in the table default to the once per
second mode to quickly alert the user of an incor-
rect alarm setting.
When the clock information matches the alarm
clock settings based on the match criteria defined
by RPT5–RPT1, the AF (Alarm Flag) is set. If AFE
(Alarm Flag Enable) is also set (M41T62/65), the
alarm condition activates the IRQ/OUT or IRQ/FT/
OUT pin. To disable the alarm, write '0' to the
Alarm Date Register and to RPT5–RPT1.
Note: If the address pointer is allowed to incre-
ment to the Flag Register address, an alarm con-
dition will not cause the Interrupt/Flag to occur until
the address pointer is moved to a different ad-
dress. It should also be noted that if the last ad-
dress written is the “Alarm Seconds,” the address
pointer will increment to the Flag address, causing
this situation to occur.
The IRQ output is cleared by a READ to the Flags
Register as shown in Figure 24., page 20. A sub-
sequent READ of the Flags Register is necessary
to see that the value of the Alarm Flag has been
reset to '0.'
Figure 24. Alarm Interrupt Reset Waveform
Table 7. Alarm Repeat Modes
RPT5
RPT4
RPT3
RPT2
RPT1
Alarm Setting
1
1
1
1
1
Once per Second
1
1
1
1
0
Once per Minute
1
1
1
0
0
Once per Hour
1
1
000
Once per Day
1
0
0
0
0
Once per Month
0
0
000
Once per Year
ALARM FLAG BIT (AF)
0Fh
0Eh
00h
HIGH-Z
AI08898
IRQ/OUT or
IRQ/FT/OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com