Electronic Components Datasheet Search
  English  ▼

X  

FX2 Datasheet(PDF) 7 Page - Hirose Electric

Part # FX2
Description  1.27mm Pitch Multi-function Two Piece Connector
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX2 Datasheet(HTML) 7 Page - Hirose Electric

Back Button FX2 Datasheet HTML 3Page - Hirose Electric FX2 Datasheet HTML 4Page - Hirose Electric FX2 Datasheet HTML 5Page - Hirose Electric FX2 Datasheet HTML 6Page - Hirose Electric FX2 Datasheet HTML 7Page - Hirose Electric FX2 Datasheet HTML 8Page - Hirose Electric FX2 Datasheet HTML 9Page - Hirose Electric FX2 Datasheet HTML 10Page - Hirose Electric FX2 Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
A91
FX2 Series
●1.27mm Pitch Multi-function Two Piece Connector
Header
Receptacle
FX2-
*P-1.27DS(L)
Receptacle
Receptacle
Header
FX2CA-
*P
12
14
13
15
14
16
FX2CA1-
*P
FX2CA2-
*P
FX2CA-
*S FX2CA2-*S
Receptacle
FX2C(A) -
*S
18.5
20.5
FX2C(A)2-
*S
A
12
14
B
FX2-
*P-1.27DS(L)
Header
FX2-
*S-1.27DS(L)
FX2-
*P-1.27DS(L)
Header
FX2C(A) -
*P
18.5
19.5
20.5
FX2C(A)1-
*P
FX2C(A)2-
*P
A
12
13
14
B
FX2B(A)-
*SA-1.27R
FX2B(A)-
*P(A)-1.27DSA(L)
FX2B(A)-
*SA-1.27R
FX2B-
*PA-1.27DS(L)
BThrough hole Type Application Pattern
Stacking height



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com