Electronic Components Datasheet Search
  English  ▼

X  

FX2 Datasheet(PDF) 33 Page - Hirose Electric

Part # FX2
Description  1.27mm Pitch Multi-function Two Piece Connector
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX2 Datasheet(HTML) 33 Page - Hirose Electric

Back Button FX2 Datasheet HTML 26Page - Hirose Electric FX2 Datasheet HTML 27Page - Hirose Electric FX2 Datasheet HTML 28Page - Hirose Electric FX2 Datasheet HTML 29Page - Hirose Electric FX2 Datasheet HTML 30Page - Hirose Electric FX2 Datasheet HTML 31Page - Hirose Electric FX2 Datasheet HTML 32Page - Hirose Electric FX2 Datasheet HTML 33Page - Hirose Electric FX2 Datasheet HTML 34Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
A117
FX2 Series
●1.27mm Pitch Multi-function Two Piece Connector
BConnecter Use Hand book
1. Selecting connector
1 The FX2 series is the perfect flux tight connector for the straight type in the soldering process, but it depends on the soldering
process whether non-cleaning type (FX2C-
*, FX2B-*) or cleaning type (FX2CA-*, FX2BA-*) should be selected. Please be
sure to clean the right angle type (FX2-
*, FX2B-*) connector. To clean the connector, please be sure to use detergent,
containing no contaminant.
2 To use the socket cable type, if a vibration or shock load is applied to the cable, select the lock type. In addition, if a load is
applied to the cable, please be sure to use the cable clamp.
2. Prefixed Process to Board
If the prefixed process is required for mounting the board, please use the prefixed pin type. (Applicable board thickness t = 1.6
±0.1)
3. Mating Side Tolerance Clearance
(Example) FX2C-
*P-1.27DSA and FX2C-*S-1.27DSA
Note: In order to prevent the dip post breakage in the connector installation to the board, please insert the board in parallel to the
connector so that the prefixed pin may be forcibly pushed in, after the dip post is guided to the board through-hole.
1 When the connector is mated,
insert the connector by the end so
as not to make a clearance.
2 When the connector is inserted or
extracted, please insert or extract
the connector after the both lock
levers are laid inside. If the
connector is inserted or extracted
with either lock lever laid, the
connector may be broken.
3 please do not open the lock lever
outside.
4. Cautions: for Using Lock Cable Type
Set the tolerance clearance within 1mm to
mate the male and female connectors.
(Except for the lock cable type)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com