Electronic Components Datasheet Search
  English  ▼

X  

FX2 Datasheet(PDF) 30 Page - Hirose Electric

Part # FX2
Description  1.27mm Pitch Multi-function Two Piece Connector
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX2 Datasheet(HTML) 30 Page - Hirose Electric

Back Button FX2 Datasheet HTML 26Page - Hirose Electric FX2 Datasheet HTML 27Page - Hirose Electric FX2 Datasheet HTML 28Page - Hirose Electric FX2 Datasheet HTML 29Page - Hirose Electric FX2 Datasheet HTML 30Page - Hirose Electric FX2 Datasheet HTML 31Page - Hirose Electric FX2 Datasheet HTML 32Page - Hirose Electric FX2 Datasheet HTML 33Page - Hirose Electric FX2 Datasheet HTML 34Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
A114
FX2 Series
●1.27mm Pitch Multi-function Two Piece Connector
■Header
BPCB mounting pattern
RoHS
YES
Unit: mm
Part Number
FX2M6A-60P-1.27DSAL(71)
FX2M6B-60P-1.27DSAL(71)
CL No.
572-1036-8-71
572-1041-8-71
A
30.9
24.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com