Electronic Components Datasheet Search
  English  ▼

X  

FX2 Datasheet(PDF) 13 Page - Hirose Electric

Part # FX2
Description  1.27mm Pitch Multi-function Two Piece Connector
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX2 Datasheet(HTML) 13 Page - Hirose Electric

Back Button FX2 Datasheet HTML 9Page - Hirose Electric FX2 Datasheet HTML 10Page - Hirose Electric FX2 Datasheet HTML 11Page - Hirose Electric FX2 Datasheet HTML 12Page - Hirose Electric FX2 Datasheet HTML 13Page - Hirose Electric FX2 Datasheet HTML 14Page - Hirose Electric FX2 Datasheet HTML 15Page - Hirose Electric FX2 Datasheet HTML 16Page - Hirose Electric FX2 Datasheet HTML 17Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
A97
FX2 Series
●1.27mm Pitch Multi-function Two Piece Connector
■Receptacle Cleaning Type
●Straight Type
Unit:mm
Part Number
FX2CA2-020S-1.27DSA(71)
FX2CA2-020S-1.27DSAL(71)
FX2CA2-032S-1.27DSA(71)
FX2CA2-032S-1.27DSAL(71)
FX2CA2-040S-1.27DSA(71)
FX2CA2-040S-1.27DSAL(71)
FX2CA2-052S-1.27DSA(71)
FX2CA2-052S-1.27DSAL(71)
FX2CA2-060S-1.27DSA(71)
FX2CA2-060S-1.27DSAL(71)
FX2CA2-068S-1.27DSA(71)
FX2CA2-068S-1.27DSAL(71)
FX2CA2-080S-1.27DSA(71)
FX2CA2-080S-1.27DSAL(71)
FX2CA2-100S-1.27DSA(71)
FX2CA2-100S-1.27DSAL(71)
FX2CA2-120S-1.27DSA(71)
FX2CA2-120S-1.27DSAL(71)
CL No.
572-2521-9-71
572-2571-7-71
572-2522-1-71
572-2572-0-71
572-2523-4-71
572-2573-2-71
572-2524-7-71
572-2574-5-71
572-2525-0-71
572-2575-8-71
572-2526-2-71
572-2576-0-71
572-2527-5-71
572-2577-3-71
572-2528-8-71
572-2578-6-71
572-2529-0-71
572-2579-9-71
Number of Contacts
A
B
C
D
RoHS
20
32
40
52
60
68
80
100
120
22.75
30.37
35.45
43.07
48.15
53.23
60.85
73.55
86.25
11.43
19.05
24.13
31.75
36.83
41.91
49.53
62.23
74.93
17.63
25.25
30.33
37.95
43.03
48.11
55.73
68.43
81.13
________
19.05
________
26.67
________
31.75
________
39.37
________
44.45
________
49.53
________
57.15
________
69.85
________
82.55
YES
BPCB mounting pattern



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com