Electronic Components Datasheet Search
  English  ▼

X  

M63151FP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # M63151FP
Description  Polygon Scanner Motor Driver (DMOS Driver)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M63151FP Datasheet(HTML) 4 Page - Renesas Technology Corp

  M63151FP Datasheet HTML 1Page - Renesas Technology Corp M63151FP Datasheet HTML 2Page - Renesas Technology Corp M63151FP Datasheet HTML 3Page - Renesas Technology Corp M63151FP Datasheet HTML 4Page - Renesas Technology Corp M63151FP Datasheet HTML 5Page - Renesas Technology Corp M63151FP Datasheet HTML 6Page - Renesas Technology Corp M63151FP Datasheet HTML 7Page - Renesas Technology Corp M63151FP Datasheet HTML 8Page - Renesas Technology Corp M63151FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
M63151FP
Rev.1.0, Sep.16.2003, page 4 of 13
Electrical Characteristics (DC)
(Unless otherwise noted, Ta = 25
°C, Vcc = 24 V)
Rated Values
Item
Symbol
Min.
Typ.
Max.
Unit
Conditions of Measurement and
Remarks
Output DMOS on-resistance
RDS
—
1.40
2.20
Ω
Total of on-resistance for upper and lower
DMOS FET Iout = 1.0 A
Power-supply voltage range
Vcc
21.6
24.0
26.4
V
Circuit current with no signal
lcc
—
5.4
10.0
mA
PS = 0 V
RNF pin threshold voltage
VRNF
212
250
288
mV
PREF threshold voltage
Vpref
1.00
1.25
1.50
V
PREF voltage that satisfies RS current > 1
mA
/ACC input current H
IACCH
–1.0
—
1.0
µA
/ ACC = 5V
/ACC input current L
IACCL
–50
–10
—
µA
/ ACC = 0V
/DEC input current H
IDECH
—
250
500
µA
/ ACC = 5V
/DEC input current L
IDECL
–50
–10
—
µA
/ ACC = 0V
Acceleration current
ISS
–240
–200
–160
µA
/ ACC = Lo, / DEC = Hi, Rcp = 12K
Ω at
CPout = 2.0 V
Deceleration current
ISD
160
200
240
µA
/ ACC = Hi, / DEC = Lo, Rcp = 12K
Ω at
CPout = 2.0 V
Detent current
IZ
–100
0
+100
nA
/ ACC =5V, / DEC = Hi or Lo, at
CPout =2.0 V
CPout output voltage range
VCPout
0.85
—
3.90
V
Less than the min. rated value when / ACC
= 5 V, / DEC = 0 V;
More than the max. rated value when /
ACC = 0 V, / DEC = 5 V
Output leakage current
I leak
–100
0
100
µA
Hall-sensor amp. same-phase
input voltage range
VHA1
1.5
—
Vcc–2
V
Hall-sensor amp input current
IHA
—
0.5
4.0
µAHµ+ = Hµ, Hv+ = Hv, Hw+ = Hw–
Hall-sensor amp input voltage
hysteresis
Vhys
6.95
11.0
15.45
mV
Between H
µ+ and Hµ–, Hv+ and Hv–, and
HW+ and HW-
Hall-sensor amp. min. input
amplitude for operation
VHA2
50
—
—
mV
Between H
µ+ and Hµ–, Hv+ and Hv–, and
Hw+ and Hw–;
The amplitude that satisfies phase delay <
5 deg for the above variation of hysteresis
voltage
PREF input current
IPref
–100
10
100
nA
Pref = 2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com