Electronic Components Datasheet Search
  English  ▼

X  

M63151FP Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M63151FP
Description  Polygon Scanner Motor Driver (DMOS Driver)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M63151FP Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M63151FP Datasheet HTML 4Page - Renesas Technology Corp M63151FP Datasheet HTML 5Page - Renesas Technology Corp M63151FP Datasheet HTML 6Page - Renesas Technology Corp M63151FP Datasheet HTML 7Page - Renesas Technology Corp M63151FP Datasheet HTML 8Page - Renesas Technology Corp M63151FP Datasheet HTML 9Page - Renesas Technology Corp M63151FP Datasheet HTML 10Page - Renesas Technology Corp M63151FP Datasheet HTML 11Page - Renesas Technology Corp M63151FP Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
M63151FP
Rev.1.0, Sep.16.2003, page 8 of 13
Motor-Lock Protection Circuit (1)
As well as the overheating protection function, this IC incorporates a module that turns off current to the motor after the
motor has been mechanically held over a specified period. This prevents overheating. The operating conditions of this
module and a timing chart that depicts its operation are given below. Note, however, that when the IC does become
overheated, the overheating protection circuit still operates because it takes precedence over the lock protection
function.
(1) Conditions of operation
(a) The RS current detection resistor detects a continuous flow of the limit current (in practice, the current-limiting
circuit leaves the IC operating as long as the voltage on RS stays within the range 0 to 0.25 V).
(b) Normally, the period at 0 V in item (a) will be 3.5
µs, and this is approximately equal to the period at 0.25 V.
However, this circuit does not operate when motor characteristics, etc. mean that the period at 0.25 V is three times
the period at 0 V (duty cycle = 75%) or longer.
(c) The period of the lock-protection circuit operations (the period from locking of the motor to the time when current
to the motor is stopped) is determined by the time constant set up by the capacitor and resistor externally connected
to pins 37 (CRLP) and 38 (RLP).
(d) After the motor has been turned off, automatic resumption is attempted at a time determined by the same R and C
values as in point (c). External signals are not accepted until resumption.
(2) Block diagram
+
-
+
-
+
-
0.25V
1V
Hi: PWM-ON
Lo: PWM-OFF
(Regeneration)
4V
5.4V
or
1.2
Hi: Normal operation
Lock protection
circuit control signal
Low: MOTOR - lock protection circuit
17
38
37
VREG(6V)
VREG
Comp1
Comp2
Comp3
Comp4
A
0
0.25V
Current limiting
control signal
5.4V
1.2V
POINT A
RNF
RFP
CRLP
CRLP
RNF
Comp3 output
1V
0
0.7V
4V
C=1
µF
R=4.7M
C1
↓I1
Ω
Current - Limiting
control signal
Lock protection circuit
control signal
Currnt flows to
the motor
Flow of current to
the motor stops
Currnt flows to
the motor
↑Initiation
When the maximum current no longer flows to the RNF,
the CRLP voltage is driven low to cancel the protective finction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com