Electronic Components Datasheet Search
  English  ▼

X  

M63151FP Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # M63151FP
Description  Polygon Scanner Motor Driver (DMOS Driver)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M63151FP Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button M63151FP Datasheet HTML 3Page - Renesas Technology Corp M63151FP Datasheet HTML 4Page - Renesas Technology Corp M63151FP Datasheet HTML 5Page - Renesas Technology Corp M63151FP Datasheet HTML 6Page - Renesas Technology Corp M63151FP Datasheet HTML 7Page - Renesas Technology Corp M63151FP Datasheet HTML 8Page - Renesas Technology Corp M63151FP Datasheet HTML 9Page - Renesas Technology Corp M63151FP Datasheet HTML 10Page - Renesas Technology Corp M63151FP Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
M63151FP
Rev.1.0, Sep.16.2003, page 7 of 13
M63151FP PWM control method
A triangular waveform is output on the CFC pin under the control of the values of the external capacitor connected to
Cfc and the external resistor connected to Rfc. The PWM duty cycle is determined through comparison of this voltage
with the control voltage determined by the current output from CPout and the external filter connected to the CPout and
PREF pins, i.e. the voltage on PREF.
That is, PWM-ON is satisfied when the triangular waveform is at a level below the control voltage and PWM-OFF is
satisfied (regenerative) when the triangular waveform rises above the control voltage. How the relation between the
voltages on Cfc and Pref determines the output voltage is depicted below.
Min.0.85 V less to max.4.00 V or more
(a) When VPREF < 1.25 V,
PWM duty cycle = 0% (always regennerative)
(b) When1.25 V < VPREF < 3.75 V, PWM control
(c) When3.75 V < VPREF, PWM duty cycle =100%
Cfc output waveform rage
Peak = 3.75 V
Trough = 1.25 V
(a) Minimum voltage: 1.25 V
0.25 V
(b) Maximum voltage: 3.75 V
0.25 V
VPREFthrehold voltage (VtPREF)
1.25V 0.25 V
(a) When VPREF< VtVPREF, motor ison
(b) When VPREF< VtVPREF, motor is always off.
PREF threshold voltage
High:PWM - ON
PWM - Duty cycle
Cfc output voltage
VPREF (control voltage)
VPREF Operating range
Low:PWM - OFF
→
→
→
±
±
±
While the motor is rotating, the Cfc output voltage is driven low with the same timing as switching of phase for the
motor in order to improve changes in the rotation speed.
Therefore, the voltage waveform output on Cfc during actual motor operation is as shown in the following figure.
0 V
1.25 V
3.75 V
Phase U
The dashed lines indicate
the timing of phase switching.
The hold line shows the PWM
output voltage wavform.
Phase V
Phase W
Cfc output voltage
VPREF
→
→
→



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com