Electronic Components Datasheet Search
  English  ▼

X  

M63151FP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M63151FP
Description  Polygon Scanner Motor Driver (DMOS Driver)
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M63151FP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M63151FP Datasheet HTML 6Page - Renesas Technology Corp M63151FP Datasheet HTML 7Page - Renesas Technology Corp M63151FP Datasheet HTML 8Page - Renesas Technology Corp M63151FP Datasheet HTML 9Page - Renesas Technology Corp M63151FP Datasheet HTML 10Page - Renesas Technology Corp M63151FP Datasheet HTML 11Page - Renesas Technology Corp M63151FP Datasheet HTML 12Page - Renesas Technology Corp M63151FP Datasheet HTML 13Page - Renesas Technology Corp M63151FP Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
M63151FP
Rev.1.0, Sep.16.2003, page 12 of 13
Sample circuit application
1 VCC
2 VREG
3 CP2
4
CP1
5 Vboot
6
N.C.
7 W
8 V
14 N.C.
15 RS
16 U
17 RNF
18 GND
19 N.C.
20 HW-
21 HW+
H V- 22
HV+ 23
HU- 24
HU+ 25
RCP 26
Rfc 27
Cfc
28
N.C. 29
PS 35
TEST 36
CRLP 37
RLP 38
/DEC 39
/ACC 40
CPOUT41
PREF 42
0.167
1K
12K
24K
470pF
300
K
0.33
µF
100
µF
0.01
µF
0.1
µF
1.0
µF
0.03
µF
24V
100pF
HU
HV
HW
4.7M
Ω
Ω
Ω
Ω
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com